Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ1925 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MPQ1925
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1925 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MPQ1925 Datasheet HTML 6Page - Monolithic Power Systems MPQ1925 Datasheet HTML 7Page - Monolithic Power Systems MPQ1925 Datasheet HTML 8Page - Monolithic Power Systems MPQ1925 Datasheet HTML 9Page - Monolithic Power Systems MPQ1925 Datasheet HTML 10Page - Monolithic Power Systems MPQ1925 Datasheet HTML 11Page - Monolithic Power Systems MPQ1925 Datasheet HTML 12Page - Monolithic Power Systems MPQ1925 Datasheet HTML 13Page - Monolithic Power Systems MPQ1925 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MPQ1925
– 100V, 4A, HIGH-FREQUENCY, HALF-BRIDGE GATE DRIVER
MPQ1925 Rev. 1.0
MonolithicPower.com
10
3/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
REFERENCE DESIGN CIRCUITS
Half-Bridge Converter
In a half-bridge converter topology, the high-side
MOSFET (HS-FET) and low-side MOSFET (LS-
FET) are driven alternately with a dead time (DT)
inserted between their respective on periods. INT
and INL are driven with alternating signals via the
pulse-width modulation (PWM) controller. The
input voltage (VIN) can rise up to 100V when in a
half-bridge topology (see Figure 5 in the Typical
Application Circuits section on page 13).
Two-Switch Forward Converter
In a two-switch forward converter topology, the
HS-FET and LS-FET start up and shutdown
simultaneously. During current-mode control, the
INH and INL input signals sense the output
voltage (VOUT) and output current (IOUT) via a
PWM controller.
The
Schottky
diodes
clamp
the
power
transformer
’s reverse swing, and must be rated
for VIN, which can rise up to 100V (see Figure 6
in the Typical Application Circuits section on
page 13).
Active-Clamp Forward Converter
In an active-clamp forward converter topology,
the HS-FET and LS-FET are driven alternately.
The HS-FET and reset capacitor (CRESET) reset
the power transformer without loss.
Active-clamp forward converter topologies are
optimal for duty cycles exceeding 50%. The
MPQ1925 may not be able to operate at 100V in
an active-clamp forward topology (see Figure 7 in
the Typical Application Circuits section on page
13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com