Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ1925 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ1925
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1925 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ1925 Datasheet HTML 1Page - Monolithic Power Systems MPQ1925 Datasheet HTML 2Page - Monolithic Power Systems MPQ1925 Datasheet HTML 3Page - Monolithic Power Systems MPQ1925 Datasheet HTML 4Page - Monolithic Power Systems MPQ1925 Datasheet HTML 5Page - Monolithic Power Systems MPQ1925 Datasheet HTML 6Page - Monolithic Power Systems MPQ1925 Datasheet HTML 7Page - Monolithic Power Systems MPQ1925 Datasheet HTML 8Page - Monolithic Power Systems MPQ1925 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MPQ1925
– 100V, 4A, HIGH-FREQUENCY, HALF-BRIDGE GATE DRIVER
MPQ1925 Rev. 1.0
MonolithicPower.com
4
3/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD = VBST - VSW = 12V, VSS = VSW = 0V, no load at DRVH and DRVL, TJ = -40°C to +150°C, typical
value is tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Current
VDD quiescent current (IQ)
IDDQ
INL = INH = 0
110
150
µA
VDD operating current
IDDO
fSW = 500kHz
7
12
mA
Floating driver IQ
IBSTQ
INL = INH = 0
60
90
µA
Floating driver operating current
IBSTO
fSW = 500kHz
6.5
11
mA
Leakage current
ILK
BST = SW = 100V
0.05
10
µA
Inputs
INL/INH high
2
2.4
V
INL/INH low
1
1.5
V
INL/INH internal pull-down
resistance
RIN
100
170
240
k
Under-Voltage Lockout (UVLO) Protection
VDD UVLO rising threshold
VDDR
6
7
7.7
V
VDD UVLO hysteresis
VDDH
0.4
0.7
V
VBST - VSW UVLO rising threshold
VBSTR
5.8
6.8
7.5
V
VBST - VSW UVLO hysteresis
VBSTH
0.4
0.7
V
Bootstrap (BST) Diode
BST diode forward voltage
VF1
At 100
μA
0.2
0.5
0.9
V
BST diode forward voltage
VF2
At 100mA
0.7
0.95
1.3
V
BST diode dynamic resistance
RD
At 100mA
2.5
6
Low-Side (LS) Gate Driver
Low output voltage
VOLL
IOUT = 100mA
0.1
0.2
V
High output voltage to rail
VOHL
IOUT = -100mA
0.2
0.35
V
Source current (6)
IOHL
VDRVL = 0V, VDD = 12V
3
A
VDRVL = 0V, VDD = 16V
4.7
A
Sink current (6)
IOLL
VDRVL = VDD = 12V
4.5
A
VDRVL = VDD = 16V
6
A
Floating Gate Driver
Low output voltage
VOLH
IOUT = 100mA
0.1
0.2
V
High output voltage to rail
VOHH
IOUT = -100mA
0.2
0.35
V
Source current (6)
IOHH
VDRVH = 0V, VDD = 12V
2.6
A
VDRVH = 0V, VDD = 16V
4
A
Sink current (6)
IOLH
VDRVH = VDD = 12V
4.5
A
VDRVH = VDD = 16V
5.9
A
Switching Specifications of the LS Gate Driver
INL falling to DRVL falling
shutdown propagation delay
tDLFF
20
50
ns
INL rising to DRVL rising start-up
propagation delay
tDLRR
20
50
ns
DRVL rise time
CL = 2.2nF
15
ns
DRVL fall time
CL = 2.2nF
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com