Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ1925 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ1925
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1925 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ1925 Datasheet HTML 7Page - Monolithic Power Systems MPQ1925 Datasheet HTML 8Page - Monolithic Power Systems MPQ1925 Datasheet HTML 9Page - Monolithic Power Systems MPQ1925 Datasheet HTML 10Page - Monolithic Power Systems MPQ1925 Datasheet HTML 11Page - Monolithic Power Systems MPQ1925 Datasheet HTML 12Page - Monolithic Power Systems MPQ1925 Datasheet HTML 13Page - Monolithic Power Systems MPQ1925 Datasheet HTML 14Page - Monolithic Power Systems MPQ1925 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MPQ1925
– 100V, 4A, HIGH-FREQUENCY, HALF-BRIDGE GATE DRIVER
MPQ1925 Rev. 1.0
MonolithicPower.com
11
3/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
APPLICATION INFORMATION
The INH and INL input signals can be controlled
independently. If both INH and INL control the
HS-FET and LS-FET of the same bridge, set a
sufficient DT between the low INH and INL
signals (and vice versa) to avoid shoot-through.
DT is the time interval between low INH and low
INL. Figure 3 shows the shoot-through timing
diagram.
Figure 3: Shoot-Through Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com