Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823AARMZ-R7 Datasheet (PDF) - Analog Devices

AD823AARMZ-R7 Datasheet PDF - Analog Devices
Part # AD823AARMZ-R7
Download  AD823AARMZ-R7 Download
File Size   514.97 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wide Supply Dual, 17 MHz, Rail-to-Rail FET Input Amplifier

AD823AARMZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD823AARMZ-R7 Datasheet PDF - Analog Devices

Part # AD823AARMZ-R7
Download  AD823AARMZ-R7 Click to download

File Size   514.97 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wide Supply Dual, 17 MHz, Rail-to-Rail FET Input Amplifier

AD823AARMZ-R7 Datasheet (HTML) - Analog Devices


AD823AARMZ-R7 Product details

FEATURES Single-supply operation
Output swings rail-to-rail Input voltage range extends below ground
Single-supply capability from 3 V to 36 V High load drive Capacitive load drive of 470 pF (G = +1, 25% overshoot) Linear output current of 40 mA, 0.5 V from supplies Excellent ac performance on 2.6 mA/amplifier
−3 dB bandwidth of 17 MHz, G = +1
325 ns settling time to 0.01% (2 V step) Slew rate of 30 V/μs
Low distortion: −108 dBc at 20 kHz (G = −1, RL = 2 kΩ)
Good dc performance
700 μV maximum input offset voltage 1 μV/°C offset voltage drift 25 pA maximum input bias current
Low noise: 14 nV/√Hz at 10 kHz
No phase inversion with inputs to the supply rails APPLICATIONS
Photodiode preamps
Active filters 12-bit to 16-bit data acquisition systems Medical instrumentation
Precision instrumentation




Similar Part No. - AD823AARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823AARMZ-R7 AD-AD823AARMZ-R7 Datasheet
515Kb / 20P
Wide Supply Dual, 17 MHz, Rail-to-Rail
REV. B
More results


Similar Description - AD823AARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823 AD-AD823 Datasheet
439Kb / 16P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV.0
AD823 AD-AD823_07 Datasheet
465Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823A AD-AD823A_12 Datasheet
515Kb / 20P
Wide Supply Dual, 17 MHz, Rail-to-Rail
REV. B
AD823 AD-AD823_15 Datasheet
412Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Rev. E
logo
ON Semiconductor
NCS2004 ONSEMI-NCS2004 Datasheet
942Kb / 13P
Wide Supply Rail-to-Rail Output Operational Amplifier
October, 2015 ??Rev. 9
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
17 MHz Rail-to-Rail Input-Output Operational Amplifiers
OPA2810 TI1-OPA2810 Datasheet
395Kb / 26P
OPA2810 Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA2810 TI1-OPA2810_18 Datasheet
468Kb / 28P
Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA810 TI1-OPA810_V02 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com