Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823AARMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD823AARMZ-R7
Description  Wide Supply Dual, 17 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823AARMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD823AARMZ-R7 Datasheet HTML 1Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 2Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 3Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 4Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 5Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 6Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 7Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 8Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD823A
Rev. | Page 5 of 20
±15 V OPERATION
TA = 25°C, VS = ±15 V, RL = 2 kΩ to 0 V, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT ≤ 0.2 V p-p
16.5
19
MHz
Full Power Response
VOUT = 2 V p-p
5.6
MHz
Slew Rate
G = −1, VOUT = 10 V step
31
35
V/µs
Settling Time
To 0.1%
G = −1, VOUT = 10 V step
380
ns
To 0.01%
G = −1, VOUT = 10 V step
510
ns
NOISE/DISTORTION PERFORMANCE
Input Voltage Noise
f = 10 kHz
13
nV/√Hz
Input Current Noise
f = 1 kHz
1
fA/√Hz
Harmonic Distortion (SFDR)
VOUT = 10 V p-p, f = 20 kHz, G = −1, RF = RG =
4 kΩ
−101
dBc
VOUT = 10 V p-p, f = 20 kHz, G = +1, RL = 600 Ω
−89
dBc
Crosstalk
f = 1 kHz
RL = 5 kΩ
−123
dB
f = 1 MHz
RL = 5 kΩ
−77
dB
DC PERFORMANCE
Initial Offset
0.8
3.5
mV
Maximum Offset over Temperature
1.0
5
mV
Offset Drift
1
µV/°C
Input Bias Current
VCM = 0 V
1.3
25
pA
VCM = −10 V
3.5
pA
At TMAX
VCM = 0 V
55
95
pA
Input Offset Current
1.3
20
pA
At TMAX
9.5
pA
Open-Loop Gain
VOUT = +10 V to −10 V, RL = 2 kΩ
100
450
V/mV
TMIN to TMAX
80
V/mV
INPUT CHARACTERISTICS
Input Common-Mode Voltage Range
−15.2 to +13
−15.2 to +13.8
V
Input Resistance
1013
Ω
Input Capacitance
Differential Mode
0.6
pF
Common Mode
1.3
pF
Common-Mode Rejection Ratio
VCM = −15 V to +13 V
70
90
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
IL = ±100 µA
−14.9 to +14.96
V
IL = ±2 mA
−14.97 to +14.96
V
IL = ±10 mA
−14.91 to +14.89
V
Linear Output Current
VOUT = −14.5 V to +14.5 V
44
mA
Short-Circuit Current
Sourcing to 0 V
78
mA
Sinking to 0 V
124
mA
Capacitive Load Drive
G = +1
500
pF
POWER SUPPLY
Operating Range
3
36
V
Quiescent Current
TMIN to TMAX, total
6.3
8.4
mA
Power Supply Rejection Ratio
VS = 5 V to 15 V, TMIN to TMAX
70
94
dB
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com