Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823AARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD823AARMZ-R7
Description  Wide Supply Dual, 17 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823AARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD823AARMZ-R7 Datasheet HTML 5Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 6Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 7Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 8Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 9Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 10Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 11Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 12Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD823A
Rev. | Page 9 of 20
0.1
1
10
100
–16
–12
–8
–4
0
4
8
12
16
COMMON-MODE VOLTAGE (V)
VS = ±15V
Figure 13. Input Bias Current vs. Common-Mode Voltage
80
90
100
110
120
0.1
1
10
100
LOAD RESIST
ANCE (kΩ)
VS = ±2.5V
Figure 14. Open-Loop Gain vs. Load Resistance
1000
100
10
1
0.1
–2.5
2.5
–2.0
2.0
–1.5
1.5
–1.0
1.0
–0.5
0.5
0
OUTPUT VOLTAGE (V)
RL = 10kΩ
RL = 1kΩ
RL = 100Ω
VS = ±2.5 V
Figure 15. Open-Loop Gain vs. Output Voltage, VS = ±2.5 V
–40
–50
–60
–70
–80
–90
–100
–110
–120
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = 30V
VOUT = 10V p-p
RL = 600Ω
VS = 3V
VOUT = 2V p-p
RL = 100Ω
VS = 3V
VOUT = 2V p-p
RL = 5kΩ
VS = 5V
VOUT = 2V p-p
RL = 5kΩ
VS = 5V
VOUT = 2V p-p
RL = 1kΩ
G = –1
RF = RG = 4kΩ
Figure16. Total Harmonic Distortion vs. Frequency
99
100
101
102
103
–55
–25
5
35
65
95
125
TEMPERATURE (°C)
RL = 2kΩ
VS = ±2.5V
Figure 17. Open-Loop Gain vs. Temperature
–20
0
20
40
60
80
100
120
–20
0
20
40
60
80
100
120
1M
10M
FREQUENCY (Hz)
100
1k
10k
100k
100M
VS = +5V
RL = 2kΩ
CL = 20pF
PHASE
GAIN
Figure 18. Open-Loop Gain and Phase Margin vs. Frequency
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com