Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823AARMZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # AD823AARMZ-R7
Description  Wide Supply Dual, 17 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823AARMZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  AD823AARMZ-R7 Datasheet HTML 1Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 2Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 3Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 4Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 5Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 6Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 7Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 8Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD823A
Data Sheet
Rev. B | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Connection Diagram ....................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
5 V Operation ............................................................................... 3
 
3.3 V Operation ............................................................................ 4
 
±15 V Operation........................................................................... 5
 
Absolute Maximum Ratings............................................................ 6
 
Thermal Resistance ...................................................................... 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions..............................7
 
Typical Performance Characteristics ..............................................8
 
Theory of Operation ...................................................................... 14
 
Output Impedance ..................................................................... 14
 
Applications Information .............................................................. 15
 
Input Characteristics.................................................................. 15
 
Output Characteristics............................................................... 15
 
Wideband Photodiode Preamp ................................................ 16
 
Active Filter ................................................................................. 18
 
Maximizing Performance Through Proper Layout ............... 19
 
Outline Dimensions ....................................................................... 20
 
Ordering Guide .......................................................................... 20
 
REVISION HISTORY
6/12—Rev. A to Rev. B
Added Text to Absolute Maximum Ratings Section.................... 6
Changes to Equation 8 ................................................................... 18
5/12—Revision A: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com