Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823AARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD823AARMZ-R7
Description  Wide Supply Dual, 17 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823AARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD823AARMZ-R7 Datasheet HTML 8Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 9Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 10Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 11Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 12Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 13Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 14Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 15Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD823A
Data Sheet
Rev. | Page 12 of 20
200µs/DIV
500mV/DIV
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VS = 5V
G = –1
RF = RG = 2kΩ
RL = 300Ω
CL = 50pF
Figure 31. Output Swing, +VS = +5 V, G = −1
VS = ±15V
G = +1
VOUT = 20V p-p
RL = 604Ω
CL = 50pF
0V
10V
–10V
20µs/DIV
5V/DIV
Figure 32. Output Swing, VS = ±15 V, G = +1
50ns/DIV
25mV/DIV
1.55V
1.5V
1.45V
VS = 3V
G = +1
VIN = 100mV STEP
Figure 33. Pulse Response, +VS = ±3 V, G = +1
100ns/DIV
500mV/DIV
1V
0V
–1V
VS = 5V
RL = 2kΩ
CL = 50pF
G = +2
VOUT = 2V p-p
Figure 34. Pulse Response, +VS = ±2.5 V, G = +2
100ns/DIV
500mV/DIV
4V
2.5V
1V
VS = 5V
G = +1
VOUT = 3V p-p
RL = 2kΩ
CL = 50pF
Figure 35. Pulse Response, +VS = ±2.5 V, G = +1
200ns/DIV
500mV/DIV
2V
3V
2.5V
VS = 5V
G = +1
RL = 2kΩ
CL = 470pF
Figure 36. Pulse Response, +VS = +5 V, G = +1, CL = 470 pF
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com