Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823AARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD823AARMZ-R7
Description  Wide Supply Dual, 17 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823AARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD823AARMZ-R7 Datasheet HTML 6Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 7Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 8Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 9Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 10Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 11Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 12Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 13Page - Analog Devices AD823AARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD823A
Data Sheet
Rev. | Page 10 of 20
10
20
30
40
50
10
100
FREQUENCY (Hz)
1k
10k
100k
1M
+VS = +5V
Figure 19. Input Voltage Noise vs. Frequency
–5
–4
–3
–2
–1
0
1
0.30
3.27
6.24
9.21 12.18 15.15 18.12 21.09 24.06 27.03 30.00
FREQUENCY (MHz)
VS = ±2.5V
CL = 20pF
RL = 2kΩ
G = +1
+125°C
–55°C
+25°C
Figure 20. Closed-Loop Bandwidth vs. Temperature
0.001
0.01
0.1
1
10
100
FREQUENCY (Hz)
100
VS = +5V
G = +1
1k
10k
100k
1M
10M
Figure 21. Output Resistance vs. Frequency, +VS = +5 V, G = +1
–10
–8
–6
–4
–2
0
2
4
6
8
10
100
200
300
400
500
600
700
SETTLING TIME (ns)
1%
1%
0.1%
0.1%
0.01%
0.01%
VS = ±15V
CL = 20pF
Figure 22. Output Step Size vs. Settling Time (Inverter)
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
+VS = +5V
10
100
1k
10k
100k
1M
10M
VS = ±15V
Figure 23. Common-Mode Rejection Ratio vs. Frequency
0.001
0.01
0.1
1
10
0.1
1
10
100
LOAD CURRENT (mA)
+VS = +5V
VS TO VOH
25°C
VOL
25°C
Figure 24. Output Saturation Voltage vs. Load Current
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com