Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWCELNM3.T1 Datasheet (PDF) - OSRAM GmbH

KWCELNM3.T1 Datasheet PDF - OSRAM GmbH
Part # KWCELNM3.T1
Download  KWCELNM3.T1 Download
File Size   1900.21 Kbytes
Page   24 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).

KWCELNM3.T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
KWCELNM3.T1 Datasheet PDF - OSRAM GmbH

Part # KWCELNM3.T1
Download  KWCELNM3.T1 Click to download

File Size   1900.21 Kbytes
Page   24 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).

KWCELNM3.T1 Datasheet (HTML) - OSRAM GmbH


KWCELNM3.T1 Product details

Features
- Package: Ceramic package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.310, Cy = 0.310 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3A
- Qualifications: AEC-Q102 Qualified
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - KWCELNM3.T1

ManufacturerPart #DatasheetDescription
logo
ams AG
KWCELMM1.TG AMSCO-KWCELMM1.TG Datasheet
1Mb / 24P
OSLON Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.
Version 1.2 2021-07-26
logo
OSRAM GmbH
KWCELMM1.TG OSRAM-KWCELMM1.TG Datasheet
1Mb / 25P
OSLON Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.
Version 1.3 2024-02-08
KWCELMM2.TK OSRAM-KWCELMM2.TK Datasheet
1Mb / 24P
OSLON® Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.
Version 1.1 2024-06-14
KWCELMM2.TK-S2S8-4L16M1 OSRAM-KWCELMM2.TK-S2S8-4L16M1 Datasheet
1Mb / 24P
OSLON® Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.
Version 1.1 2024-06-14
KWCELMM2.TK-S2S8-4L25M2 OSRAM-KWCELMM2.TK-S2S8-4L25M2 Datasheet
1Mb / 24P
OSLON® Boost HM utilizes the high current capability of the latest chip generation in a special package for good thermal behaviour.
Version 1.1 2024-06-14
More results


Similar Description - KWCELNM3.T1

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP0903GYT-HF A-POWER-AP0903GYT-HF_16 Datasheet
61Kb / 5P
Good Thermal Dissipation
logo
Maxim Integrated Produc...
MAX14912 MAXIM-MAX14912 Datasheet
733Kb / 30P
Low Power and Heat Dissipation
Rev 3; 8/16
logo
OSRAM GmbH
LERQ8WP-KBMA-34 OSRAM-LERQ8WP-KBMA-34 Datasheet
786Kb / 23P
Compact light source in SMT technology
LETQ8WP-MBNB-34 OSRAM-LETQ8WP-MBNB-34 Datasheet
791Kb / 23P
Compact light source in SMT technology
LETQ9WM-JXKX-25 OSRAM-LETQ9WM-JXKX-25 Datasheet
738Kb / 21P
Compact light source in SMT technology
logo
ams AG
KW2CFLNM3.TK AMSCO-KW2CFLNM3.TK Datasheet
1Mb / 25P
Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.0 2022-12-14
KW4CHLNM2.TK AMSCO-KW4CHLNM2.TK Datasheet
1Mb / 25P
Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.1 2021-09-01
KWCSLPM2.CC AMSCO-KWCSLPM2.CC Datasheet
1Mb / 26P
This most compact 3 x 3 mm high-power LED with electrically isolated thermal pad allows superior heat dissipation designs.
Version 1.5 2023-07-03
KWCWLPM3.TK AMSCO-KWCWLPM3.TK Datasheet
1Mb / 24P
Compact light source with improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.1 2022-07-21
KYCSLNM1.FY AMSCO-KYCSLNM1.FY Datasheet
1Mb / 21P
Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
Version 1.1 2020-10-30
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com