Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7349 Datasheet (PDF) - PMC-Sierra, Inc

PM7349 Datasheet PDF - PMC-Sierra, Inc
Part # PM7349
Download  PM7349 Download
File Size   56.44 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Quad J2, E3 and DS-3 Framer

PM7349 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM7349 Datasheet PDF - PMC-Sierra, Inc

Part # PM7349
Download  PM7349 Click to download

File Size   56.44 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Quad J2, E3 and DS-3 Framer

PM7349 Datasheet (HTML) - PMC-Sierra, Inc


PM7349 Product details

FEATURES
• Quad DS-3, E3 (G.751 and G.832), and J2 framers.
• Each channel can be independently configured to be a DS-3, E3, or J2 Framer.
• Gapped transmit and receive clocks can be optionally generated for interface to devices which only need access to payload data bits.
• Provides programmable pseudorandom test pattern generation, detection, and analysis features.
• Provides integral transmit and receive HDLC controllers with 128-byte FIFO depths.
• Provides performance monitoring counters suitable for accumulation periods of up to 1 second.
• Provides an 8-bit microprocessor interface for configuration, control and status monitoring.
• Provides a standard five signal P1149.1 JTAG test port for boundary scan board test purposes.
• Low power 3.3 V CMOS technology with 5 V tolerant inputs.
• Available in a high density 256-pin SBGA package (27 mm x 27 mm).

RECEIVER SECTION
• Provides frame synchronization for the M23 or C-bit parity DS3 applications, alarm detection, and accumulates line code violations, framing errors, parity errors, path parity errors and FEBE events. In addition, far end alarm channel codes are detected, and an integral HDLC receiver is provided to terminate the path maintenance data link.
• Provides frame synchronization for the G.751 or G.832 E3 applications, alarm detection, and accumulates line code violations, framing errors, parity errors, and FEBE events. In addition, in G.832, the Trail Trace is detected, and an integral HDLC receiver is provided to terminate either the Network Requirement or the General Purpose data link.
• Provides frame synchronization for G.704 and NTT 6.312 Mbit/s J2 applications, alarm detection, and accumulates line code violations, framing errors, and CRC parity errors. An integral HDLC receiver is provided to terminate the data link.
• Provides a receive HDLC controller with a 128-byte FIFO to accumulate data link information.
• Provides detection of yellow alarm and loss of frame (LOF), and accumulates BIP-8 errors, framing errors and FEBE events.
• Provides programmable pseudorandom test-sequence detection (up to 232-1 bit length patterns conforming to ITU-T O.151 standards) and analysis features.

TRANSMITTER SECTION
• Provides frame insertion for the M23 or C-bit parity DS3 applications, alarm insertion, and diagnostic features. In addition, far end alarm channel codes may be inserted, and an integral HDLC transmitter is provided to insert the path maintenance data link.
• Provides frame insertion for the G.751 or G.832 E3 applications, alarm insertion, and diagnostic features. In addition, for G.832, the Trail Trace is inserted, and an integral HDLC transmitter is provided to insert either the Network Requirement or the General Purpose data link.
• Provides frame insertion for G.704 6.312 Mbit/s J2 applications, alarm insertion, and diagnostic features. An integral HDLC transmitter is provided to insert the path maintenance data link.
• Provides a transmit HDLC controller with a 128-byte FIFO.
• Provides programmable pseudorandom test sequence generation (up to 232-1 bit length sequences conforming to ITU-T O.151 standards). Diagnostic abilities include single bit error insertion or error insertion at bit error rates ranging from 10-1 to 10-7.

LOOPBACK FEATURES
• Provides for diagnostic loopbacks, line loopbacks, and payload loopbacks.

APPLICATIONS
• SONET/SDH Mux E3/DS-3 Tributary Interfaces.
• PDH Mux J2/E3/DS-3 Line Interfaces.
• DS-3/E3/J2 Digital Cross Connect Interfaces.
• DS-3/E3/J2 PPP Internet Access Interfaces.
• DS-3/E3/J2 Frame Relay Interfaces.




Similar Part No. - PM7349

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7340 PMC-PM7340 Datasheet
2Mb / 334P
S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PM7340-PI PMC-PM7340-PI Datasheet
2Mb / 334P
S/UNI INVERSE MULTIPLEXING FOR ATM, 8 LINKS
PM7341 PMC-PM7341 Datasheet
3Mb / 413P
S/UNI INVERSE MULTIPLEXING FOR ATM, 84 LINKS
PM7342 PMC-PM7342 Datasheet
65Kb / 2P
32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY
PM7344 PMC-PM7344 Datasheet
1Mb / 293P
SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
More results


Similar Description - PM7349

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4344 PMC-PM4344 Datasheet
80Kb / 2P
Quad T1 Framer
PM7346 PMC-PM7346 Datasheet
2Mb / 419P
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PM7347 PMC-PM7347 Datasheet
1Mb / 341P
SATURN USER NETWORK INTERFACE for J2/E3/T3
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
CMOS E2/E3 Framer (E2/E3F)
logo
Dallas Semiconductor
DS3112 DALLAS-DS3112 Datasheet
585Kb / 135P
TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
DS3/E3 FRAMER IC
logo
List of Unclassifed Man...
CX28342 ETC1-CX28342 Datasheet
1Mb / 195P
Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A Datasheet
23Kb / 1P
Bt8330EPJC - DS3/E3 Framer Revision
logo
PMC-Sierra, Inc
PM7347-1 PMC-PM7347-1 Datasheet
57Kb / 2P
SATURN User Network Interface for J2/E3/T3
logo
Maxim Integrated Produc...
DS3144DK MAXIM-DS3144DK Datasheet
1Mb / 20P
Quad DS3/E3 Framer Demo Kit Daughter Card
REV: 082203
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com