Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906 Datasheet (PDF) - Analog Devices

ADL5906 Datasheet PDF - Analog Devices
Part # ADL5906_V01
Download  ADL5906 Download
File Size   6441.29 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz to 10 GHz, 67 dB TruPwr Detector

ADL5906 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5906 Datasheet PDF - Analog Devices

Part # ADL5906_V01
Download  ADL5906 Click to download

File Size   6441.29 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 MHz to 10 GHz, 67 dB TruPwr Detector

ADL5906 Datasheet (HTML) - Analog Devices


ADL5906 Product details

FEATURES
► Accurate rms-to-dc conversion from 10 MHz to 10 GHz
► Single-ended ±1.0 dB dynamic range: 67 dB at 2.14 GHz
► No balun or external input matching required
► Response independent of waveform types, such as GSM-EDGE/
CDMA/W-CDMA/TD-SCDMA/WiMAX/LTE
► Logarithmic slope: 55 mV/dB
► Temperature stability: <±1 dB from −40°C to +125°C
► Operating temperature: −55°C to +125°C
► Supply voltage: 4.75 V to 5.25 V
► Sleep current: 250 μA
► Pin compatible with ADL5902 and AD8363
APPLICATIONS
► Power amplifier linearization/control loops
► Transmitter signal strength indication (TSSI)
► RF instrumentation




Similar Part No. - ADL5906_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5906-EVALZ AD-ADL5906-EVALZ Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
ADL5906ACPZN-R2 AD-ADL5906ACPZN-R2 Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
ADL5906ACPZN-R7 AD-ADL5906ACPZN-R7 Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
ADL5906SCPZN-R2 AD-ADL5906SCPZN-R2 Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
ADL5906SCPZN-R7 AD-ADL5906SCPZN-R7 Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
More results


Similar Description - ADL5906_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
2/06-Rev 0 to Rev. A
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
50 MHz to 4 GHz TruPwr Detector
9/06-Revision 0
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
ADL5906 AD-ADL5906 Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5903 AD-ADL5903 Datasheet
1Mb / 20P
200 MHz to 6 GHz 35 dB TruPwr??Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
50 MHz to 9 GHz 65 dB TruPwr Detector
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com