Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5906
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 1 Page - Analog Devices

  ADL5906_V01 Datasheet HTML 1Page - Analog Devices ADL5906_V01 Datasheet HTML 2Page - Analog Devices ADL5906_V01 Datasheet HTML 3Page - Analog Devices ADL5906_V01 Datasheet HTML 4Page - Analog Devices ADL5906_V01 Datasheet HTML 5Page - Analog Devices ADL5906_V01 Datasheet HTML 6Page - Analog Devices ADL5906_V01 Datasheet HTML 7Page - Analog Devices ADL5906_V01 Datasheet HTML 8Page - Analog Devices ADL5906_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Data Sheet
ADL5906
10 MHz to 10 GHz, 67 dB TruPwr Detector
Rev. B
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Accurate rms-to-dc conversion from 10 MHz to 10 GHz
►
Single-ended ±1.0 dB dynamic range: 67 dB at 2.14 GHz
►
No balun or external input matching required
►
Response independent of waveform types, such as GSM-EDGE/
CDMA/W-CDMA/TD-SCDMA/WiMAX/LTE
►
Logarithmic slope: 55 mV/dB
►
Temperature stability: <±1 dB from −40°C to +125°C
►
Operating temperature: −55°C to +125°C
►
Supply voltage: 4.75 V to 5.25 V
►
Sleep current: 250 µA
►
Pin compatible with ADL5902 and AD8363
APPLICATIONS
►
Power amplifier linearization/control loops
►
Transmitter signal strength indication (TSSI)
►
RF instrumentation
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADL5906 is a true rms responding power detector that has
a 67 dB measurement range when driven with a single-ended 50
Ω source. The easy to use input makes the ADL5906 frequency
versatile by eliminating the need for a balun or any other form of
external input tuning for operation up to 10 GHz.
The ADL5906 provides a solution in a variety of high frequency
systems requiring an accurate rms measurement of signal power.
The ADL5906 can operate from 10 MHz to 10 GHz and can accept
inputs from −65 dBm to +8 dBm with varying crest factors and
bandwidths, such as GSM-EDGE, CDMA, W-CDMA, TD-SCDMA,
WiMAX, and OFDM-based LTE carriers. In addition, its temperature
stability over the broad temperature range of −55°C to +125°C
makes it ideally suited for a wide array of communications, military,
industrial, and instrumentation applications.
Used as a power measurement device, VRMS is connected to
VSET. The output is then proportional to the logarithm of the rms
value of the input. In other words, the reading is presented directly
in decibels and is scaled 1.1 V per decade, or 55 mV/dB; other
slopes are easily arranged. In controller mode, the voltage applied
to VSET determines the power level required at the input to null the
deviation from the setpoint. The output buffer can provide high load
currents.
Requiring only a single supply of 5 V and a few capacitors, it is
easy to use and capable of being driven single-ended or with a
balun for differential input drive. The ADL5906 has a low 250 µA
sleep current when powered down by a logic high applied to the
PWDN pin. It powers up within approximately 1.4 µs to its nominal
operating current of 68 mA at 25°C.
The ADL5906 is supplied in a 4 mm × 4 mm, 16-lead LFCSP, and
it is pin compatible with the ADL5902 and the AD8363 TruPwr™
rms detectors. This feature allows the designer to create one
circuit layout for projects requiring different dynamic ranges. A fully
populated RoHS-compliant evaluation board is available.


Similar Part No. - ADL5906_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5906-EVALZ AD-ADL5906-EVALZ Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
ADL5906ACPZN-R2 AD-ADL5906ACPZN-R2 Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
ADL5906ACPZN-R7 AD-ADL5906ACPZN-R7 Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
ADL5906SCPZN-R2 AD-ADL5906SCPZN-R2 Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
ADL5906SCPZN-R7 AD-ADL5906SCPZN-R7 Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
More results

Similar Description - ADL5906_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
2/06-Rev 0 to Rev. A
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
50 MHz to 4 GHz TruPwr Detector
9/06-Revision 0
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
ADL5906 AD-ADL5906 Datasheet
1Mb / 32P
10 MHz to 10 GHz 67 dB TruPwr Detector
REV. 0
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5903 AD-ADL5903 Datasheet
1Mb / 20P
200 MHz to 6 GHz 35 dB TruPwr??Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
50 MHz to 9 GHz 65 dB TruPwr Detector
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com