Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5906
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 5 Page - Analog Devices

  ADL5906_V01 Datasheet HTML 1Page - Analog Devices ADL5906_V01 Datasheet HTML 2Page - Analog Devices ADL5906_V01 Datasheet HTML 3Page - Analog Devices ADL5906_V01 Datasheet HTML 4Page - Analog Devices ADL5906_V01 Datasheet HTML 5Page - Analog Devices ADL5906_V01 Datasheet HTML 6Page - Analog Devices ADL5906_V01 Datasheet HTML 7Page - Analog Devices ADL5906_V01 Datasheet HTML 8Page - Analog Devices ADL5906_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Data Sheet
ADL5906
SPECIFICATIONS
analog.com
Rev. B | 5 of 30
Table 1. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Minimum Input Level, ±1.0 dB
Calibration at −50 dBm, −40 dBm, and 0 dBm
−54
dBm
Deviation vs. Temperature
Deviation from output at 25°C, VTADJ = 1 V
−40°C < TA < +85°C; PIN = 0 dBm
−2.4/+0
dB
−40°C < TA < +85°C; PIN = −45 dBm
−1.4/-0.2
dB
−55°C < TA < +125°C; PIN = 0 dBm
−3.6/+0
dB
−55°C < TA < +125°C; PIN = −45 dBm
−2.1/-0.2
dB
Logarithmic Slope
−65 dBm < PIN < +10 dBm; calibration at −40 dBm and 0 dBm
42
mV/dB
Logarithmic Intercept
−65 dBm < PIN < +10 dBm; calibration at −40 dBm and 0 dBm
−60
dBm
OUTPUT INTERFACE
VRMS (Pin 6)
Output Swing, Controller Mode
Swing range minimum, RL ≥ 500 Ω to ground
0.05
V
Swing range maximum, RL ≥ 500 Ω to ground
3.92
V
Current Source/Sink Capability
10/10
mA
Rise Time
PIN = off to −10 dBm, 10% to 90%, CRMS = 1 nF
0.1
µs
Fall Time
PIN = −10 dBm to off, 90% to 10%, CRMS = 1 nF
14.6
µs
SETPOINT INPUT
VSET (Pin 7)
Voltage Range
Log conformance error ≤ 1 dB, minimum 2.14 GHz
3.92
V
Log conformance error ≤ 1 dB, maximum 2.14 GHz
0.4
V
Input Resistance
72
kΩ
Logarithmic Scale Factor
f = 2.14 GHz
56
mV/dB
Logarithmic Intercept
f = 2.14 GHz
−65
dBm
TEMPERATURE COMPENSATION
TADJ/PWDN (Pin 1)
Input Voltage Range
0
VPOS
V
Input Bias Current
VTADJ = 0.35 V
5
µA
Input Resistance
VTADJ = 0.35 V
70
kΩ
VOLTAGE REFERENCE
VREF (Pin 11)
Output Voltage
PIN = −55 dBm
2.3
V
Temperature Sensitivity
25°C ≤ TA ≤ 125°C
−0.12
mV/°C
−55°C ≤ TA ≤ +25°C
0.07
mV/°C
Short-Circuit Current Source/Sink
Capability
25°C ≤ TA ≤ 125°C
4/0.05
mA
−55°C ≤ TA ≤ +25°C
3/0.05
mA
Voltage Regulation
TA = 25°C, ILOAD = 2 mA
−0.4
%
TEMPERATURE REFERENCE
VTEMP (Pin 8)
Output Voltage
TA = 25°C, RL ≥ 10 kΩ
1.4
V
Temperature Coefficient
−40°C ≤ TA ≤ +125°C, RL ≥ 10 kΩ
4.8
mV/°C
Short-Circuit Current Source/Sink
Capability
25°C ≤ TA ≤ 125°C
4/0.05
mA
−55°C ≤ TA ≤ +25°C
3/0.05
mA
Voltage Regulation
TA = 25°C, ILOAD = 1 mA
−2.8
%
RMS TARGET INTERFACE
VTGT (Pin 12)
Input Voltage Range
0.2
2.5
V
Input Bias Current
VTGT = 0.8 V
8
µA
Input Resistance
100
kΩ
POWER-DOWN INTERFACE
VTADJ/PWDN (Pin 1)
Voltage Level to Enable
VPWDN decreasing
1.3
V
Voltage Level to Disable
VPWDN increasing
1.4
V
Input Bias Current
VPWDN = 5 V
72
µA
VPWDN = 0 V
0.1
µA
Enable Time
VPWDN low to VRMS, 10% to 90%, CRMS = 1 nF, PIN = 0 dBm
1.4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com