Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5906
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5906_V01 Datasheet HTML 19Page - Analog Devices ADL5906_V01 Datasheet HTML 20Page - Analog Devices ADL5906_V01 Datasheet HTML 21Page - Analog Devices ADL5906_V01 Datasheet HTML 22Page - Analog Devices ADL5906_V01 Datasheet HTML 23Page - Analog Devices ADL5906_V01 Datasheet HTML 24Page - Analog Devices ADL5906_V01 Datasheet HTML 25Page - Analog Devices ADL5906_V01 Datasheet HTML 26Page - Analog Devices ADL5906_V01 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Data Sheet
ADL5906
THEORY OF OPERATION
analog.com
Rev. B | 23 of 30
VSET. Therefore, the values for R6 and R2 must be in the 1 kΩ to 5
kΩ range. Similar values must be used for R1 and R15.
It is also important to take into account part-to-part and frequency
variation in output swing along with the maximum output voltage
(3.9 V) of the output stage of the ADL5906. The VRMS part-to-part
distribution is well characterized at major frequency bands in the
Typical Performance Characteristics section (see Figure 12 through
Figure 14, Figure 18 through Figure 20, Figure 24, and Figure 25).
The resistor values in Table 6, which were calculated based on 3.5
GHz operation, have been conservatively chosen so that there is
no chance that the desired output voltage swings exceed the output
swing of the ADL5906 (when scaling upward) or the input range
of a 0 V to 2.5 V ADC (when scaling down-ward). In each case,
the nominal maximum voltage that results is 100 mV below the
desired maximum to account for part-to-part variation and resistor
tolerances.
Table 6. Output Voltage Range Scaling Examples at 3.5 GHz
Desired Input Range (dBm)
Slope Increase
Slope Decrease
New Slope (mV/dB)
Nominal Maximum Output Voltage (V)
R6 (Ω)
R2 (Ω)
R1 (Ω)
R15(Ω)
0 to −60
274
2000
59
3.8
−10 to −50
681
2000
70
3.8
0 to −60
787
2000
37
2.4
−10 to −50
348
2000
44
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com