Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5906
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5906_V01 Datasheet HTML 4Page - Analog Devices ADL5906_V01 Datasheet HTML 5Page - Analog Devices ADL5906_V01 Datasheet HTML 6Page - Analog Devices ADL5906_V01 Datasheet HTML 7Page - Analog Devices ADL5906_V01 Datasheet HTML 8Page - Analog Devices ADL5906_V01 Datasheet HTML 9Page - Analog Devices ADL5906_V01 Datasheet HTML 10Page - Analog Devices ADL5906_V01 Datasheet HTML 11Page - Analog Devices ADL5906_V01 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Data Sheet
ADL5906
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 8 of 30
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
TADJ/PWDN
Temperature Compensation/Shutdown. This is a dual function pin used for controlling temperature slope compensation at voltages <1.0
V and/or for shutting down the device at voltages >1.4 V. The temperature compensation voltage is generally set by connecting this pin
to VREF through a resistive voltage divider (see the Setting VTADJ section for additional information). See Figure 46 for an equivalent
circuit.
2, 13, 16
NIC
No Internal Connection. Do not connect to these pins. These pins are not internally connected.
3, 10
VPOS1, VPOS2
Power Supply. Because these pins are internally shorted, they must be connected to the same 5 V power supply. The power supply to
each pin must also be decoupled using 100 pF and 100 nF capacitors located as close as possible to the pins.
4, 9
GND1, GND2
Ground. Connect both GND1 and GND2 to system ground using a low impedance path.
5
CRMS
RMS Averaging Capacitor. Connect an rms averaging capacitor between CRMS and ground. See the Choosing a Value for CRMS
section for more information. See Figure 48 for an equivalent circuit.
6
VRMS
RMS Output. In measurement mode, this pin is connected to VSET either directly or through a resistor divider (when the slope is being
increased). In controller mode, this pin is used to drive the gain control input of a voltage variable attenuator (VVA) or variable gain
amplifier (VGA). See Figure 48 for an equivalent circuit.
7
VSET
Setpoint Input. In measurement mode, this pin is connected to VRMS either directly or through a resistor divider. In controller mode, the
voltage applied to this pin sets the decibel value of the required RF input level to balance the automatic power control loop. See Figure
47 for an equivalent circuit.
8
VTEMP
Temperature Sensor Output of 1.4 V at 25°C with a Coefficient of 4.8 mV/°C. See Figure 43 for an equivalent circuit.
11
VREF
Reference Voltage Output. This voltage reference has a nominal value of 2.3 V. This reference output voltage can be used to set the
voltage to the TADJ/PWDN and VTGT pins. See Figure 44 for an equivalent circuit. For optimal performance, bypass the VREF pin with
a minimum capacitance of 1 nF to ground.
12
VTGT
RMS Target Voltage. The voltage applied to this pin sets the target RF input at the output of the VGA that is also the rms squaring
circuit. The recommended voltage for VTGT is 0.8 V. Increasing VTGT above 0.8 V degrades the rms accuracy of the ADL5906. Reducing
VTGT below 0.8 V can improve the rms accuracy for signals with very high crest factors; however, it reduces the detection range of the
ADL5906. See Figure 49 for an equivalent circuit.
14, 15
RFIN+, RFIN−
RF Inputs. The RF inputs are normally applied single-ended with the RF input signal ac-coupled to RFIN+ and RFIN− ac-coupled to
ground. See Figure 42 for an equivalent circuit.
EPAD
The exposed pad on the underside of the device (EPAD) is also internally connected to ground and requires a good thermal and
electrical connection to the ground of the printed circuit board (PCB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com