Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5906
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5906_V01 Datasheet HTML 5Page - Analog Devices ADL5906_V01 Datasheet HTML 6Page - Analog Devices ADL5906_V01 Datasheet HTML 7Page - Analog Devices ADL5906_V01 Datasheet HTML 8Page - Analog Devices ADL5906_V01 Datasheet HTML 9Page - Analog Devices ADL5906_V01 Datasheet HTML 10Page - Analog Devices ADL5906_V01 Datasheet HTML 11Page - Analog Devices ADL5906_V01 Datasheet HTML 12Page - Analog Devices ADL5906_V01 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Data Sheet
ADL5906
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. B | 9 of 30
VPOS1 = VPOS2 = 5 V, single-ended input drive, VRMS connected to VSET, VTGT = 0.8 V, CRMS = 0.1 µF, TA = +25°C (green), −55°C (light
blue), −40°C (blue), +85°C (red), +105°C (orange), and +125°C (black), where appropriate. Error referred to slope and intercept at indicated
calibration points. Input RF signal is a sine wave (CW), unless otherwise indicated.
Figure 3. Typical VRMS vs. Input Power (dBm) vs. Frequency (10 MHz to 10
GHz) at 25°C
Figure 4. Error from CW Linear Reference vs. Signal Modulation (QPSK, 16
QAM, 64 QAM), Frequency = 900 MHz
Figure 5. Error from CW Linear Reference vs. Signal Modulation (CDMA 2000,
One-Carrier W-CDMA, Four-Carrier W-CDMA), Frequency = 2.14 GHz
Figure 6. Typical VRMS vs. Frequency for Six RF Input Levels
Figure 7. Error from CW Linear Reference vs. Signal Modulation (QPSK, 16
QAM, 64 QAM), Frequency = 2.14 GHz, Three Point Calibration at 0 dBm, −40
dBm, and −55 dBm
Figure 8. Error from CW Linear Reference vs. Signal Modulation (LTE TM1
One-Carrier, 20 MHz), Frequency = 2.14 GHz, Three Point Calibration at 0
dBm, −40 dBm, and −55 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com