Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC909LP4E Datasheet (PDF) - Analog Devices

HMC909LP4E Datasheet PDF - Analog Devices
Part # HMC909LP4E
Download  HMC909LP4E Download
File Size   3183.16 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz

HMC909LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC909LP4E Datasheet PDF - Analog Devices

Part # HMC909LP4E
Download  HMC909LP4E Click to download

File Size   3183.16 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz

HMC909LP4E Datasheet (HTML) - Analog Devices


HMC909LP4E Product details

Features
Broadband Single-Ended RF Input
±1 dB Detection Accuracy to 5.8 GHz
Input Dynamic Range: -51 dBm to -11 dBm
RF Signal Wave shape & Crest Factor Independent
Digitally Programmable Integration Bandwidth
+5V Operation from -40°C to +85°C
Excellent Temperature Stability
Power-Down Mode
24 Lead 4x4mm SMT Package: 16mm²
Typical Applications
The HMC909LP4E is ideal for:
• Log –> Root-Mean-Square (RMS) Conversion
• Received Signal Strength Indication (RSSI)
• Transmitter Signal Strength Indication (TSSI)
• RF Power Amplifier Efficiency Control
• Receiver Automatic Gain Control
• Transmitter Power Control




Similar Part No. - HMC909LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC909LP4E HITTITE-HMC909LP4E Datasheet
2Mb / 21P
RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
More results


Similar Description - HMC909LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC610LP4 HITTITE-HMC610LP4 Datasheet
1Mb / 12P
70 dB RMS POWER DETECTOR, DC - 3.9 GHz
HMC714LP5 HITTITE-HMC714LP5 Datasheet
1Mb / 40P
DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
logo
Maxim Integrated Produc...
MAX2203 MAXIM-MAX2203 Datasheet
911Kb / 7P
RMS Power Detector
Rev 0; 10/09
logo
Hittite Microwave Corpo...
HMC909LP4E HITTITE-HMC909LP4E Datasheet
2Mb / 21P
RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
HMC1010LP4E HITTITE-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC - 3.9 GHz
HMC1020LP4E HITTITE-HMC1020LP4E Datasheet
1Mb / 22P
RMS POWER DETECTOR SINGLE-ENDED, DC - 3.9 GHz
HMC1021LP4E HITTITE-HMC1021LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
HMC1030LP5E HITTITE-HMC1030LP5E Datasheet
4Mb / 38P
DUAL RMS POWER DETECTOR DC - 3.9 GHz
logo
Analog Devices
HMC1010LP4E AD-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC
HMC1020LP4E AD-HMC1020LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR SINGLE-ENDED
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com