Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC909LP4E Datasheet(PDF) 10 Page - Analog Devices

Part # HMC909LP4E
Description  RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC909LP4E Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC909LP4E Datasheet HTML 6Page - Analog Devices HMC909LP4E Datasheet HTML 7Page - Analog Devices HMC909LP4E Datasheet HTML 8Page - Analog Devices HMC909LP4E Datasheet HTML 9Page - Analog Devices HMC909LP4E Datasheet HTML 10Page - Analog Devices HMC909LP4E Datasheet HTML 11Page - Analog Devices HMC909LP4E Datasheet HTML 12Page - Analog Devices HMC909LP4E Datasheet HTML 13Page - Analog Devices HMC909LP4E Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 10
Pin Descriptions
HMC909LP4E
v02.0511
RMS POWER DETECTOR
SINGLE-ENDED, DC - 5.8 GHz
Pin Number
Function
Description
Interface schematic
1, 16, 21, 23
Vcc
Power supply. connect supply voltage to these pins
with appropriate filtering.
2, 5, 6, 8,
11 - 13, 22
Package Base
GND
Package bottom has an exposed metal paddle that
must be connected to rF/Dc ground.
3, 4
IN+, IN-
rF Input pins. see application
information for input interfacing.
7
eNX
Disable pin. connect to GND for normal operation.
Applying voltage V>0.8xVcc will initiate power saving
mode
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com