Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC909LP4E Datasheet(PDF) 16 Page - Analog Devices

Part # HMC909LP4E
Description  RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC909LP4E Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC909LP4E Datasheet HTML 12Page - Analog Devices HMC909LP4E Datasheet HTML 13Page - Analog Devices HMC909LP4E Datasheet HTML 14Page - Analog Devices HMC909LP4E Datasheet HTML 15Page - Analog Devices HMC909LP4E Datasheet HTML 16Page - Analog Devices HMC909LP4E Datasheet HTML 17Page - Analog Devices HMC909LP4E Datasheet HTML 18Page - Analog Devices HMC909LP4E Datasheet HTML 19Page - Analog Devices HMC909LP4E Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 16
HMC909LP4E
v02.0511
RMS POWER DETECTOR
SINGLE-ENDED, DC - 5.8 GHz
Table 1: Transient Response vs. SCI Setting [1]:
RMSOUT Rise-Time 10% -> 90% (µs)
RMSOUT Rise Settling Time (µs) [2]
RMSOUT Fall-time 100% -> 10% (µs)
scI4,3,2,1
Pin = -20 dBm
Pin = -40 dBm
Pin = -20 dBm
Pin = -40 dBm
Pin = -20 dBm
Pin = -40 dBm
0000
0.042
0.032
0.408
0.484
1.7
1.72
0010
0.042
0.134
0.484
0.488
5.5
5.4
0100
0.06
1.32
2.6
2.12
19.5
23
0110
2.6
5.55
10.2
9.3
86
90
1000
13
25.5
59
38
350
380
1010
48
104
208
180
1500
1600
1100
190
460
870
800
6200
6500
Rise Time[3] vs.
SCI Setting over Input Power
Fall Time[4] vs.
SCI Setting over Input Power
Rise Settling Time [2] vs.
SCI Setting over Input Power
1
10
100
1000
10000
100000
01234
5
6789
10
11
12
-40 dBm
-20 dBm
0 dBm
INTEGRATION SETTING (IN DECIMAL)
For increased load drive capability, consider a buffer
amplifier on the RMS output. Using an integrating
amplifier on the RMS output allows for an alternative
treatment for faster settling times. An external amplifier
optimized for transient settling can also provide
additional RMS filtering, when operating HMC909LP4E
with a lower scI value.
Following figures show how the peak-to-peak ripple
decreases with higher scI settings along with the rF
pulse response over different modulations.
0.01
0.1
1
10
100
1000
10000
01234
5
6789
10
11
12
-40 dBm
-20 dBm
0 dBm
INTEGRATION SETTING (IN DECIMAL)
0.1
1
10
100
1000
10000
100000
01234
5
6789
10
11
12
-40 dBm
-20 dBm
0 dBm
INTEGRATION SETTING (IN DECIMAL)
[1] Input signal is 1900 MHz cw -tone switched on and off
[2] Measured from RF switching edge to 1dB (input referred) settling of RMSOUT.
[3] Measured from 10% to 90%
[4] Measured from 100% to 10%
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com