Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC909LP4E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC909LP4E
Description  RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC909LP4E Datasheet(HTML) 1 Page - Analog Devices

  HMC909LP4E Datasheet HTML 1Page - Analog Devices HMC909LP4E Datasheet HTML 2Page - Analog Devices HMC909LP4E Datasheet HTML 3Page - Analog Devices HMC909LP4E Datasheet HTML 4Page - Analog Devices HMC909LP4E Datasheet HTML 5Page - Analog Devices HMC909LP4E Datasheet HTML 6Page - Analog Devices HMC909LP4E Datasheet HTML 7Page - Analog Devices HMC909LP4E Datasheet HTML 8Page - Analog Devices HMC909LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 1
HMC909LP4E
General Description
Features
Functional Diagram
the HMc909LP4e Power Detector is designed for
rF power measurement, and control applications for
frequencies up to 5.8 GHz. the detector provides
an accurate rMs representation of any broadband,
single-ended rF/IF input signal. the output is a tem-
perature compensated monotonic, representation of
real signal power, measured with an input sensing
range of 40 dB.
the HMc909LP4e is ideally suited to those wide
bandwidth, wide dynamic range applications, requir-
ing repeatable measurement of real signal power,
especially where rF/IF wave shape and/or crest factor
change with time.
the integration bandwidth of the HMc909LP4e is
digitally programmable with the use of input pins
scI1-4 with a range of more than 4 decade. this
allows the user to dynamically set the operation
bandwidth providing the capability of handling differ-
ent types of modulations on the same platform.
HMc909LP4e features an internal op-amp at output
stage, which provides for slope / intercept adjustments
and enables controller application.
Broadband single-ended rF Input
±1 dB Detection Accuracy to 5.8 GHz
Input Dynamic range: -51 dBm to -11 dBm
rF signal wave shape & crest Factor Independent
Digitally Programmable Integration Bandwidth
+5V operation from -40°c to +85°c
excellent temperature stability
Power-Down Mode
24 Lead 4x4mm sMt Package: 16mm²
Typical Applications
the HMc909LP4e is ideal for:
• Log –> Root-Mean-Square (RMS) Conversion
• Received Signal Strength Indication (RSSI)
• Transmitter Signal Strength Indication (TSSI)
• RF Power Amplifier Efficiency Control
• Receiver Automatic Gain Control
• Transmitter Power Control
RMS POWER DETECTOR
SINGLE-ENDED, DC - 5.8 GHz
v02.0511
Electrical Specifications, TA = +25 °C, Vcc = 5V
Parameter
typ.
typ.
typ.
typ.
typ.
typ.
typ.
typ.
Units
Dynamic Range (±1dB Error) [1]
Input Frequency
100
900
1900
2200
2700
3500
3900
5800
MHz
Single Ended Input Configuration
40
40
40
39
38
37
36
24
dB
Deviation vs Temperature: (Over full temperature range -40 °C to 85 °C).
Deviation is measured from reference, which is the same wcDMA input at 25 °c.
1
dB
[1] With WCDMA 4 Carrier (TMI1-64 DPCH)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC909LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC909LP4E HITTITE-HMC909LP4E Datasheet
2Mb / 21P
RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
More results

Similar Description - HMC909LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC610LP4 HITTITE-HMC610LP4 Datasheet
1Mb / 12P
70 dB RMS POWER DETECTOR, DC - 3.9 GHz
HMC714LP5 HITTITE-HMC714LP5 Datasheet
1Mb / 40P
DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
logo
Maxim Integrated Produc...
MAX2203 MAXIM-MAX2203 Datasheet
911Kb / 7P
RMS Power Detector
Rev 0; 10/09
logo
Hittite Microwave Corpo...
HMC909LP4E HITTITE-HMC909LP4E Datasheet
2Mb / 21P
RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
HMC1010LP4E HITTITE-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC - 3.9 GHz
HMC1020LP4E HITTITE-HMC1020LP4E Datasheet
1Mb / 22P
RMS POWER DETECTOR SINGLE-ENDED, DC - 3.9 GHz
HMC1021LP4E HITTITE-HMC1021LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
HMC1030LP5E HITTITE-HMC1030LP5E Datasheet
4Mb / 38P
DUAL RMS POWER DETECTOR DC - 3.9 GHz
logo
Analog Devices
HMC1010LP4E AD-HMC1010LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR DC
HMC1020LP4E AD-HMC1020LP4E Datasheet
2Mb / 24P
RMS POWER DETECTOR SINGLE-ENDED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com