Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC909LP4E Datasheet(PDF) 13 Page - Analog Devices

Part # HMC909LP4E
Description  RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC909LP4E Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC909LP4E Datasheet HTML 9Page - Analog Devices HMC909LP4E Datasheet HTML 10Page - Analog Devices HMC909LP4E Datasheet HTML 11Page - Analog Devices HMC909LP4E Datasheet HTML 12Page - Analog Devices HMC909LP4E Datasheet HTML 13Page - Analog Devices HMC909LP4E Datasheet HTML 14Page - Analog Devices HMC909LP4E Datasheet HTML 15Page - Analog Devices HMC909LP4E Datasheet HTML 16Page - Analog Devices HMC909LP4E Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 13
Evaluation PCB
the circuit board used in the application should
use rF circuit design techniques. signal lines sho-
uld have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
the evaluation circuit board shown is available from
Hittite upon request.
Board is configured with wideband single-ended
input interface suitable for input signal frequencies
above 100 MHz. refer to wideband single-ended
input interface section in application information for
operating with signals below 100 MHz.
List of Materials for Evaluation PCB 129547 [1]
Item
Description
J1, J2
Pc Mount sMA connector
tP1 - tP9
Dc Pin
c1, c10, c16
100 pF capacitor, 0402 Pkg.
c2, c5, c11, c17
100 nF capacitor, 0402 Pkg.
c3, c4, c6
1000 pF capacitor, 0402 Pkg.
r2, r12 - r15
10K resistor, 0402 Pkg.
r3 - r5, r9, r10
0 ohm resistor, 0402 Pkg.
r6, r7
4.7K resistor, 0402 Pkg.
r11
100 ohm resistor, 0402 Pkg.
U1
HMc909LP4e
rMs Power Detector
PcB [2]
128683 evaluation PcB
[1] reference this number when ordering complete evaluation PcB
[2] circuit Board Material: rogers 4350
HMC909LP4E
v02.0511
RMS POWER DETECTOR
SINGLE-ENDED, DC - 5.8 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com