Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC909LP4E Datasheet(PDF) 9 Page - Analog Devices

Part # HMC909LP4E
Description  RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC909LP4E Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC909LP4E Datasheet HTML 5Page - Analog Devices HMC909LP4E Datasheet HTML 6Page - Analog Devices HMC909LP4E Datasheet HTML 7Page - Analog Devices HMC909LP4E Datasheet HTML 8Page - Analog Devices HMC909LP4E Datasheet HTML 9Page - Analog Devices HMC909LP4E Datasheet HTML 10Page - Analog Devices HMC909LP4E Datasheet HTML 11Page - Analog Devices HMC909LP4E Datasheet HTML 12Page - Analog Devices HMC909LP4E Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 9
Outline Drawing
Notes:
1. LeADFrAMe MAterIAL: coPPer ALLoY
2. DIMeNsIoNs Are IN INcHes [MILLIMeters].
3. LeAD sPAcING toLerANce Is NoN-cUMULAtIVe
4. PAD BUrr LeNGtH sHALL Be 0.15mm MAXIMUM.
PAD BUrr HeIGHt sHALL Be 0.05mm MAXIMUM.
5. PAcKAGe wArP sHALL Not eXceeD 0.05mm.
6. ALL GroUND LeADs AND GroUND PADDLe MUst
Be soLDereD to PcB rF GroUND.
7. reFer to HMc APPLIcAtIoN Note For sUGGesteD PcB LAND PAtterN.
Package Information
Absolute Maximum Ratings
Power Supply Voltage (Vcc)
5.6V
rF Input Power
10 dBm
Input Voltage
1.2 Vp-p
Junction temperature
125 °c
Continuous Pdiss (T = 85°C)
(Derate 32.45 mW/°c above 85°C)
1.3 w
Thermal Resistance (R
th)
(junction to ground paddle)
30.82 °c/w
storage temperature
-65 to +150 °c
operating temperature
-40 to +85 °c
ESD Sensitivity (HBM)
class 1B
eLectrostAtIc seNsItIVe DeVIce
oBserVe HANDLING PrecAUtIoNs
Part Number
Package Body Material
Lead Finish
MsL rating
Package Marking [1]
HMc909LP4e
roHs-compliant Low stress Injection Molded Plastic
100% matte sn
MsL1
[2]
H909
XXXX
[1] 4-Digit lot number XXXX
[2] Max peak reflow temperature of 260 °c
HMC909LP4E
v02.0511
RMS POWER DETECTOR
SINGLE-ENDED, DC - 5.8 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com