Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC909LP4E Datasheet(PDF) 19 Page - Analog Devices

Part # HMC909LP4E
Description  RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC909LP4E Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC909LP4E Datasheet HTML 13Page - Analog Devices HMC909LP4E Datasheet HTML 14Page - Analog Devices HMC909LP4E Datasheet HTML 15Page - Analog Devices HMC909LP4E Datasheet HTML 16Page - Analog Devices HMC909LP4E Datasheet HTML 17Page - Analog Devices HMC909LP4E Datasheet HTML 18Page - Analog Devices HMC909LP4E Datasheet HTML 19Page - Analog Devices HMC909LP4E Datasheet HTML 20Page - Analog Devices HMC909LP4E Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 19
HMC909LP4E
v02.0511
RMS POWER DETECTOR
SINGLE-ENDED, DC - 5.8 GHz
example: the logarithmic intercept can also be adjusted by choosing appropriate rFBK, rsHUNt, and rset
values.
setting rFBK = 4.7KΩ, rsHUNt =2.2KΩ, and rset = 24KΩ results in an optimized slope of:
Optimized Slope = ß * log_slope = 1.67 * 36.9 mV / dB
optimized slope = 62 mV / dB
Optimized Intercept = log_intercept –(RFBK/RSET)*VBLINE
Optimized Intercept = log_intercept - 0.196 * VBLINE
Intercept Adjustment
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-70
-60
-50
-40
-30
-20
-10
0
VBLINE = -3.2 V
VBLINE = -1.6 V
VBLINE = -0.8 V
VBLINE =
0 V
VBLINE = +0.8 V
VBLINE = +1.6 V
VBLINE = +3.2 V
INPUT POWER (dBm)
Rset = 24 Kohm
Rfbk = 4.7 Kohm
Rshunt = 2.2 Kohm
DC Offset Compensation Loop
Internal Dc offsets, which are input signal dependant, require continuous cancellation. offset cancellation is a critical
function needed for maintenance of measurement accuracy and sensitivity. the Dc offset cancellation loop performs
this function, and its response is largely defined by the capacitance (COFS) connected between COFSA, COFSB
pins.
coFs sets the loop bandwidth of the Dc offset compensations. Higher coFs values are required for measuring
lower rF frequencies. the optimal loop bandwidth setting will allow internal offsets to be cancelled at a minimally
acceptable speed.
Dc offset cancellation Loop ≈
Bandwidth , Hz
For example: loop bandwidth for Dc cancellation with coFs = 1nF, bandwidth is ~62 kHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com