Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC909LP4E Datasheet(PDF) 15 Page - Analog Devices

Part # HMC909LP4E
Description  RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC909LP4E Datasheet(HTML) 15 Page - Analog Devices

Back Button HMC909LP4E Datasheet HTML 11Page - Analog Devices HMC909LP4E Datasheet HTML 12Page - Analog Devices HMC909LP4E Datasheet HTML 13Page - Analog Devices HMC909LP4E Datasheet HTML 14Page - Analog Devices HMC909LP4E Datasheet HTML 15Page - Analog Devices HMC909LP4E Datasheet HTML 16Page - Analog Devices HMC909LP4E Datasheet HTML 17Page - Analog Devices HMC909LP4E Datasheet HTML 18Page - Analog Devices HMC909LP4E Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 15
HMC909LP4E
v02.0511
RMS POWER DETECTOR
SINGLE-ENDED, DC - 5.8 GHz
RF Input Interface
The IN+ and IN- pins are differential RF inputs, which are externally configured for wideband with single ended input.
Power match components are placed at these input terminals, along with Dc blocking capacitors. the coupling
capacitor values also set the lower spectral boundary of the input signal bandwidth. the inputs can be reactively
matched (refer to input return loss graphs), but a resistor network should be sufficient for good wideband performance.
Wideband Single-Ended Input Interface:
Choose the input decoupling capacitor (C3, C4) values by
first determining the lowest spectral component the power
detector is required to sense, ƒL.
Input decoupling capacitor value
1
P x ƒL x 3.2
≈
, Farads, where ƒL is in Hertz
ex. If the power detector needs to sense down to 10MHz, the
decoupling capacitor value should be
1/(π*10E6*3.2) = 10nF
A DC bias (Vcc-1.2V) is present on the IN+ and IN- pins, and
should not be overridden
RMS Output Interface and Transient Response
The HMC909LP4E features digital input pins (SCI1-SCI4) that control the internal integration time constant. Output
transient response is determined by the digital integration controls, and output load conditions.
Shortest integration time is for SCI=0000, allowed longest integration time is for SCI=1100 (1101, 1110 and 1111 SCI
settings are forbidden states).
Using larger values of scI will narrow the operating bandwidth of the integrator, resulting in a longer averaging time
interval and a more filtered output signal; however it will also slow the power detector’s transient response. A larger
scI value favors output accuracy over speed. For the fastest possible transient settling times set scI to 0000. this
configuration will operate the integrator at its widest possible bandwidth, resulting in short averaging time-interval and
an output signal with little filtering. Most applications will choose a SCI setting that maintains balance between speed
and accuracy. Furthermore, error performance over modulation bandwidth is dependent on the scI setting.
For example modulations with relatively low frequency components and high crest factors may require higher scI
(integration) settings.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com