Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC909LP4E Datasheet(PDF) 20 Page - Analog Devices

Part # HMC909LP4E
Description  RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC909LP4E Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC909LP4E Datasheet HTML 13Page - Analog Devices HMC909LP4E Datasheet HTML 14Page - Analog Devices HMC909LP4E Datasheet HTML 15Page - Analog Devices HMC909LP4E Datasheet HTML 16Page - Analog Devices HMC909LP4E Datasheet HTML 17Page - Analog Devices HMC909LP4E Datasheet HTML 18Page - Analog Devices HMC909LP4E Datasheet HTML 19Page - Analog Devices HMC909LP4E Datasheet HTML 20Page - Analog Devices HMC909LP4E Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 20
HMC909LP4E
v02.0511
RMS POWER DETECTOR
SINGLE-ENDED, DC - 5.8 GHz
Standby Mode
the eNX can be used to force the power detector into a low-power standby mode. As eNX is deactivated, power is
restored to all of the circuits. there is no memory of previous conditions. coming-out of stand-by, internal integration
and coFs capacitors will require recharging, so if large scI values have been chosen, the wake-up time will be
lengthened.
Modulation Performance – Crest factor performance
the HMc909LP4e can detect modulated signals with very high crest factors accurately.
For example, up to 2.7 GHz, a modulated rF signal with a crest factor of 15 dB can be detected with 0.3 dB error.
RMSOUT Error vs.
Crest Factor over Frequency
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
3
4
5
6
7
8
9
10
11
12
13
14
15
900 MHz error from CW (-22 dBm)
1900 MHz error from CW (-22 dBm)
2700 MHz error from CW (-22 dBm)
3900 MHz error from CW (-22 dBm)
CREST FACTOR (dB)
System Calibration
Due to part-to-part variations in log-slope and log-intercept, a system-level calibration is recommended to satisfy
absolute accuracy requirements. when performing this calibration, choose at least two test points: near the top end
and bottom-end of the measurement range. It is best to measure the calibration points in the regions (of frequency
and amplitude) where accuracy is most important. Derive the log-slope and log-intercept, and store them in non-
volatile memory.
For example if the following two calibration points were measured at 2.2 GHz:
with rMsoUt = 1.81V at Pin= -20 dBm,
and rMsoUt = 1.03V at Pin= -40 dBm
slope calibration constant = scc
SCC = (-40+20)/(1.03-1.81) = 25.64 dB/V
intercept calibration constant = Icc
ICC = Pin – SCC*RMSOUT = -20 - 25.64 * 1.81 = -66.41 dBm
Now performing a power measurement at -30 dBm:
rMsoUt measures 1.40V
[Measured Pin] = [Measured RMSOUT]*SCC + ICC
[Measured Pin] = 1.40 * 25.64 - 66.41 = -30.51 dBm
An error of only 0.51 dB
Factory system calibration measurements should be made using an input signal representative of the application. If
the power detector will operate over a wide range of frequencies, choose a central frequency for calibration.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com