Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC909LP4E Datasheet(PDF) 18 Page - Analog Devices

Part # HMC909LP4E
Description  RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC909LP4E Datasheet(HTML) 18 Page - Analog Devices

Back Button HMC909LP4E Datasheet HTML 13Page - Analog Devices HMC909LP4E Datasheet HTML 14Page - Analog Devices HMC909LP4E Datasheet HTML 15Page - Analog Devices HMC909LP4E Datasheet HTML 16Page - Analog Devices HMC909LP4E Datasheet HTML 17Page - Analog Devices HMC909LP4E Datasheet HTML 18Page - Analog Devices HMC909LP4E Datasheet HTML 19Page - Analog Devices HMC909LP4E Datasheet HTML 20Page - Analog Devices HMC909LP4E Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 18
HMC909LP4E
v02.0511
RMS POWER DETECTOR
SINGLE-ENDED, DC - 5.8 GHz
LOG-Slope and Intercept
The HMC909LP4E provides for an adjustment of output scale with the use of an integrated operational amplifier. Log-
slope and intercept can be adjusted to “magnify” a specific portion of the input sensing range, and to fully utilize the
dynamic range of the rMs output.
A log-slope of 36.9mV/dB (@1900 MHz) is set by connecting RMS Output to VSET through resistor network for ß = 1
(see application schematic).
the log-slope is adjusted by applying the appropriate resistors on the rMs and Vset pins. Log-intercept is adjusted
by applying a Dc voltage to the Vset pin.
optimized slope =
ß * log-slope
Optimized intercept = log-intercept – (R
FBK /rset) * VBLINE
rFBK
rFBK // rsHUNt // rset
ß =
when r
FBK=0 to set rMsoUt=Vset, then ß=1/2
If rset is not populated, then
ß = ½ * (RFBK/ (RFBK // RSHUNT)) and intercept is at nominal value.
example: the logarithmic slope can be simply increased by choosing appropriate rFBK and rsHUNt values while
not populating the rset resistor on the evaluation board to keep the intercept at nominal value.
setting rFBK =4.7KΩ and rsHUNt = 2.2KΩ results in an optimized slope of:
Optimized Slope = ß * log_slope = 1.57* 36.9mV / dB
optimized slope = 58 mV / dB
Slope Adjustment
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-70
-60
-50
-40
-30
-20
-10
0
High Slope
Nominal
INPUT POWER (dBm)
Slope = 58 mV/dB
Rset = open
Rfbk = 4.7 Kohm
Rshunt = 2.2 Kohm
Slope = 36.9 mV/dB
Rset = open
Rfbk = 4.7 Kohm
Rshunt = 4.7 Kohm
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com