Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC909LP4E Datasheet(PDF) 11 Page - Analog Devices

Part # HMC909LP4E
Description  RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC909LP4E Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC909LP4E Datasheet HTML 7Page - Analog Devices HMC909LP4E Datasheet HTML 8Page - Analog Devices HMC909LP4E Datasheet HTML 9Page - Analog Devices HMC909LP4E Datasheet HTML 10Page - Analog Devices HMC909LP4E Datasheet HTML 11Page - Analog Devices HMC909LP4E Datasheet HTML 12Page - Analog Devices HMC909LP4E Datasheet HTML 13Page - Analog Devices HMC909LP4E Datasheet HTML 14Page - Analog Devices HMC909LP4E Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 11
Pin Descriptions (Continued)
Pin Number
Function
Description
Interface schematic
9, 10
coFsA,
coFsB
High pass filter capacitor input. Connect a capacitor
between coFsA and coFsB to determine 3 dB
point of input signal high-pass filter.
14
Vset
set point input for controller mode. Allows change of
output slope resulting in output power leveling.
15
rMsoUt
Logarithmic output that provides an
indication of mean square input power.
17 - 20
scI1 - scI4
Digitally Programmable Integration Bandwidth
control. Input pins that control the internal
integration time constant for rMs calculation. scI4
is the most significant bit. Set V>0.8xVcc to enable
and V<0.2xVcc to disable (active high). Shortest
integration time is for scI=0000, allowed longest
integration time is for SCI=1100 (1101, 1110 and
1111 SCI settings are forbidden states). Each step
changes the integration time by 1 octave.
24
N/c
the pins are not connected internally; however, all
data shown herein was measured with these pins
connected to rF/Dc ground externally.
HMC909LP4E
v02.0511
RMS POWER DETECTOR
SINGLE-ENDED, DC - 5.8 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com