Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC909LP4E Datasheet(PDF) 14 Page - Analog Devices

Part # HMC909LP4E
Description  RMS POWER DETECTOR SINGLE-ENDED, DC - 5.8 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC909LP4E Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC909LP4E Datasheet HTML 10Page - Analog Devices HMC909LP4E Datasheet HTML 11Page - Analog Devices HMC909LP4E Datasheet HTML 12Page - Analog Devices HMC909LP4E Datasheet HTML 13Page - Analog Devices HMC909LP4E Datasheet HTML 14Page - Analog Devices HMC909LP4E Datasheet HTML 15Page - Analog Devices HMC909LP4E Datasheet HTML 16Page - Analog Devices HMC909LP4E Datasheet HTML 17Page - Analog Devices HMC909LP4E Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 14
HMC909LP4E
v02.0511
RMS POWER DETECTOR
SINGLE-ENDED, DC - 5.8 GHz
Monolithic true-rMs detectors are in-effect analog calculators, calculating the rMs value of the input signal, unlike
other types of power detectors which are designed to respond to the rF signal envelope. At the core of an rMs
detector is a full-wave rectifier, log/antilog circuit, and an integrator. The RMS output signal is directly proportional
to the logarithm of the time-average of V
IN
2
. the bias block also contains temperature compensation circuits which
stabilize output accuracy over the entire operating temperature range. the Dc offset cancellation circuit actively
cancels internal offsets so that even very small input signals can be measured accurately.
Configuration For The Typical Application
The RF input can be connected in wideband single-ended configuration: see “RF Input Interface” section for details
on input configuration.
The RMS output signal is typically connected to VSET, through a resistive network providing a Pin -> RMSOUT
transfer characteristic slope of 36.9mV/dBm (at 1900 MHz), however the RMS output can be re-scaled to “magnify”
a specific portion of the input sensing range, and to fully utilize the dynamic range of the RMS output. Refer to the
section under the “log-slope and intercept” heading for details.
Due to part-to-part variations in log-slope and log-intercept, a system-level calibration is recommended to satisfy
absolute accuracy requirements: refer to the “System Calibration” section for more details.
0
0.5
1
1.5
2
2.5
3
-65 -60 -55 -50 -45 -40 -35 -30 -25 -20 -15 -10
IDEAL
MEASURED
INPUT POWER (dBm)
RMSOUT vs. PIN
Application Information
Principle of Operation
PIN = rMsoUt / [log-slope] + [log-intercept], dBm
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com