Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3535 Datasheet (PDF) - OSRAM GmbH

PD3535 Datasheet PDF - OSRAM GmbH
Part # PD3535
Download  PD3535 Download
File Size   212.45 Kbytes
Page   11 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description 4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions

PD3535 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD3535 Datasheet PDF - OSRAM GmbH

Part # PD3535
Download  PD3535 Click to download

File Size   212.45 Kbytes
Page   11 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description 4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions

PD3535 Datasheet (HTML) - OSRAM GmbH


PD3535 Product details

DESCRIPTION
These Programmable Displays are four digit display system modules. The characters are 0.20" by 0.14" (PD243X), 0.27" by 0.20" (PD353X), and 0.45" by 0.27" (PD443X) 5 x 7 dot matrix arrays constructed with the latest solid state technology in light emitting diodes.

FEATURES
• Four Dot Matrix Characters in High Efficiency Red, Red, and Bright Green
    –  PD2435/6/7, 0.200" High
    –  PD3535/6/7, 0.270" High
    –  PD4435/6/7, 0.45" High
• Built-in Memory, Decoders, Multiplexer and Drivers
• Wide Viewing Angle, X Axis ±55°, Y Axis ±65°
• Categorized for Luminous Intensity
• 128 Character ASCII Format (Upper and Lower Case Characters)
• 8 Bit Bidirectional Data BUS
• READ/WRITE Capability
• Dual In-Line Package Configuration, 0.600" Wide, 0.100" Pin Centers
• End-Stackable Package
• Internal or External Clock
• Built-in Character Generator ROM
• TTL Compatible
• Easily Cascaded for Multidisplay Operation
• Less CPU Time Required
• Software Controlled Features:
    –  Programmable Highlight Attribute (Blinking, Non-Blinking)
    –  Asynchronous Memory Clear Function
    – Lamp Test
    –  Display Blank Function
    –  Single or Multiple Character Blinking Function
    – Programmable Intensity Three Brightness Levels
• Extended Operating Temperature Range:
    –  PD243X, PD353X: –40°C to +85°C
    – PD443X: –40°C to +70°C




Similar Part No. - PD3535

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PD3535 OSRAM-PD3535 Datasheet
937Kb / 14P
Lead (Pb) Free Product - RoHS Compliant
More results


Similar Description - PD3535

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
MPD2545 SIEMENS-MPD2545 Datasheet
438Kb / 10P
25 4-character, 5x7 dot matrix, X-Y stackable, HI-REL/Military Alphanumeric Programmable Display with Built-In CMOS Control Functions
logo
Agilent(Hewlett-Packard...
HDSP-450X HP-HDSP-450X Datasheet
93Kb / 8P
Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
logo
Infineon Technologies A...
HDSP2000LP INFINEON-HDSP2000LP Datasheet
424Kb / 7P
0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
April 4, 2000-11
logo
OSRAM GmbH
DLO4135 OSRAM-DLO4135 Datasheet
252Kb / 4P
5 x 7 Dot Matrix Intelligent Display
logo
Lucky Light Electronic
KWM-19571 LUCKY-LIGHT-KWM-19571 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (1.9mm Dot) LED Display
KWM-30571 LUCKY-LIGHT-KWM-30571 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-30572 LUCKY-LIGHT-KWM-30572 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-50571 LUCKY-LIGHT-KWM-50571 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (5.0mm Dot) LED Display
logo
LUMEX INC.
LDM-2124757NI LUMEX-LDM-2124757NI Datasheet
117Kb / 2P
5 x 7 DOT MATRIX LED DISPLAY
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com