Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3535 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # PD3535
Description  4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD3535 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button PD3535 Datasheet HTML 2Page - OSRAM GmbH PD3535 Datasheet HTML 3Page - OSRAM GmbH PD3535 Datasheet HTML 4Page - OSRAM GmbH PD3535 Datasheet HTML 5Page - OSRAM GmbH PD3535 Datasheet HTML 6Page - OSRAM GmbH PD3535 Datasheet HTML 7Page - OSRAM GmbH PD3535 Datasheet HTML 8Page - OSRAM GmbH PD3535 Datasheet HTML 9Page - OSRAM GmbH PD3535 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
 2001 OSRAM Opto Semiconductors Inc.• San Jose, CA
PD2535/6/7, PD3535/6/7, PD4435/6/7
www.infineon.com/opto • 408-456-4000
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
6
July 5, 2001-14
Functional Description
The block diagram includes 5 major blocks and internal regis-
ters (indicated by dotted lines).
Display Memory consists of a 5 x 8 bit RAM block. Each of
the four 8-bit words holds 7-bits of ASCII data (bits D0–D6)
and an attribute select bit (Bit D6). The fifth 8-bit memory
word is used as a control word register. A detailed description
of the control register and its functions can be found in the
Control Word section. Each 8-bit word is addressable and can
be read from or written to.
The Control Logic dictates all of the features of the display
device and is discussed in the Control Word section of this
data sheet.
The Character Generator converts the 7-bit ASCII data into
the proper dot pattern for the 128 characters shown in the
character set chart.
The Clock Source can originate either from the internal oscilla-
tor clock or from an external source—usually from the output of
another display in a multiple module array.
The Display Multiplexer controls all display output to the digit
drivers so no additional logic is required for a display system.
The Column Drivers are connected directly to the display.
The Display has four digits. Each of the four digits is com-
prised of 35 LEDs in a 5 x 7 dot array which makes up the
alphanumeric characters.
The intensity of the display can be varied by the Control Word
in steps of 0% (Blank), 25%, 50%, and full brightness.
The Reset pin when activated clears the internal counter. A reset
is usually done after power up and is of very short duration-nano-
seconds or microseconds. If the reset pin is held low for a longer
time (milliseconds) some or all LEDs in the bottom row may light
up. The appearance of lit LEDs during a “reset” is not an indica-
tion of a malfunctioning part. It is advisable to keep the reset
pulse as short as possible to avoid displaying a row of lit LEDs.
Microprocessor Interface
The interface to the microprocessor is through the address
lines. (A0–A2), the data bus (D0–D7), two chip select lines
(CE0, CE1), and read (RD) and write (WR) lines.
The CE0 should be held low when executing a read, or write
operation. CE1 must be held high.
The read and write lines are both active low. During a valid read
the data input lines (D0–D7) become outputs. A valid write will
enable the data as input lines.
Data Input Commands
CEO
CE1
RD
WR
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Operation
1
0
XXXXXXXXXXXXXNo Change
0
101100
XXXXXXXX
Read Digit 0 Data to Bus
0
11010000100100
($) Written to Digit 0
0
11010101010111
(W) Written to Digit 1
0
11011001100110
(f) Written to Digit 2
0
11011100110011
(3) Written to Digit 3
0
1101001
XXXXXXX
Char. Written to Digit 0
and Cursor Enabled
Input Buffering
If a cable length of 6 inches or more is used, all inputs to the
display should be buffered with a tri-state non-inverting buffer
mounted as close to the display as conveniently possible. Rec-
ommended buffers are: 74LS245 for the data lines and
74LS244 for the control lines.
Figure 4. Block Diagram
Figure 5. Mode Selection
0=Low logic level, 1=High logic level, X=Don’t care
CEO
CE1
RD
WR
Operation
0100
None
1
X
X
X
None
X
0
X
X
None
X
X
1
1
None
Display Memory
(RAM) 4x8
Output
Control
Logic
Control
Reg
1x8
128 Char
ROM
128 x 5
Decode
and
Mux
Output
Latch
OSC
Logic
Display
Multiplexer
Column
Drivers
Row
Drivers
Display
D0-D7
CE0,CE1
A0-A2
RD, WR
CLK SEL
XCLK
RST
20
3
3
5
8
14
1
15
1
7
3
20
4
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com