Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3535 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # PD3535
Description  4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD3535 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button PD3535 Datasheet HTML 3Page - OSRAM GmbH PD3535 Datasheet HTML 4Page - OSRAM GmbH PD3535 Datasheet HTML 5Page - OSRAM GmbH PD3535 Datasheet HTML 6Page - OSRAM GmbH PD3535 Datasheet HTML 7Page - OSRAM GmbH PD3535 Datasheet HTML 8Page - OSRAM GmbH PD3535 Datasheet HTML 9Page - OSRAM GmbH PD3535 Datasheet HTML 10Page - OSRAM GmbH PD3535 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
 2001 OSRAM Opto Semiconductors Inc.• San Jose, CA
PD2535/6/7, PD3535/6/7, PD4435/6/7
www.infineon.com/opto • 408-456-4000
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
7
July 5, 2001-14
There are five registers within the display. Four of these regis-
ters are used to hold the ASCII/attribute code of the four dis-
play characters. The fifth register is the Control Word, which is
used to blink, blank, clear, or dim the entire display, or to
change the presentation (attributes) of individual characters.
Addressing
The addresses within the display device are shown below. Digit
0 is the rightmost digit of the display, while digit 3 is on the left.
Although there is only one Control Word, it is duplicated at the
four address locations 0–3. Data can be read from any of these
locations. When one of these locations is written to, all of them
will change together.
Bit D7 of any of the display digit locations is used to allow an
attribute to be assigned to that digit. The attributes are dis-
cussed in the next section. If Bit D7 is set to a one, that charac-
ter will be displayed using the attribute. If bit D7 is cleared, the
character will display normally.
Address
Contents
A2
A1
A0
0
X
X
Control Word
1
0
0
Digit 0 (rightmost)
1
0
1
Digit 1
1
1
0
Digit 2
1
1
1
Digit 3 (leftmost)
Control Word
When address bit A2 is taken low, the Control Word is
accessed. The same Control Word appears in all four of the
lower address spaces of the display. Through the Control Word,
the display can be cleared, the lamps can be tested, display
brightness can be selected, and attributes can be set for any
characters which have been loaded with their most significant
bit (D7) set high.
Brightness (D0, D1): The state of the lower two bits of the
Control Word are used to set the brightness of the entire dis-
play, from 0% to 100%. The table below shows the correspon-
dence of these bits to the brightness.
X=don't care
Attributes (D2–D4): Bits D2, D3, and D4 control the visual
attributes (i.e., blinking) of those display digits which have been
written with bit D7 set high. In order to use any of the four
attributes, the Cursor Enable bit (D4 in the Control Word) must
be set. When the Cursor Enable bit is set, and bit D7 in a char-
acter location is set, the character will take on one of the fol-
lowing display attributes.
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
0
XXXX0
0
Blank
0
0
XXXX0
1
25% brightness
0
0
XXXX1
0
50% brightness
0
0
XXXX1
1
Full brightness
Control Word Format
D7
D6
D5
D4
D3
D2
D1
D0
Clear
Blink
Attributes
Brightness
Lamp
test
Attribute
enable
D7 Clear
0
Standard Operation
1
Clear Entire Display
D6 Lamp test
0
Standard Operation
1
Display All Dots at 50% Brightness
D5 Blink
0
Blink Attribute Disabled
1
Blink Entire Display
D4 Attribute enable
0
Disable above Attributes
1
Enable above Attributes
D3 D2 Attributes
0
0
Display Cursor instead
of Character
0
1
Blink Character
1
0
Display Blinking Cursor
instead of Character
1
1
Alternate Character
with Cursor
D1 D0 Brightness
0
0
0% (blank)
0
1
25%
1
0
50%
1
1
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com