Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3535 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # PD3535
Description  4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD3535 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button PD3535 Datasheet HTML 3Page - OSRAM GmbH PD3535 Datasheet HTML 4Page - OSRAM GmbH PD3535 Datasheet HTML 5Page - OSRAM GmbH PD3535 Datasheet HTML 6Page - OSRAM GmbH PD3535 Datasheet HTML 7Page - OSRAM GmbH PD3535 Datasheet HTML 8Page - OSRAM GmbH PD3535 Datasheet HTML 9Page - OSRAM GmbH PD3535 Datasheet HTML 10Page - OSRAM GmbH PD3535 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
 2001 OSRAM Opto Semiconductors Inc.• San Jose, CA
PD2535/6/7, PD3535/6/7, PD4435/6/7
www.infineon.com/opto • 408-456-4000
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
8
July 5, 2001-14
*“Cursor”= all dots in a single character space lit to half brightness
X=Don't care
B=Depends on the selected brightness.
Attributes are non-destructive. If a character with bit D7 set is
replaced by a cursor (Control Word bit D4 is set, and D3=D2=0)
the character will remain in memory and can be revealed again
by clearing D4 in the Control Word.
Blink (D5): The entire display can be caused to blink at a rate of
approximately 2.0 Hz by setting bit D5 in the Control Word. This
blinking is independent of the state of D7 in all character locations.
To synchronize the blink rate in a bank of these devices, it is
necessary to tie all devices' clocks and resets together as
described in a later section of this data sheet.
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0000X
X
B
B
Disable highlight
attribute
000100B
B
Display cursor*
instead of
character
000101B
B
Blink single
character
000110B
B
Display blinking
cursor* instead
of character
000111B
B
Alternate charac-
ter with cursor*
Lamp Test (D6): When the Lamp Test bit is set, all dots in the
entire display are lit at half brightness. When this bit is cleared,
the display returns to the characters that were showing before
the lamp test.
Clear Data (D7): When D7 is set (D7=1) in the Control Word, all
(display) memory bits are reset to zero and the display goes blank.
A second control word must be written into the chip with D7
reset (D7=0) to set up attributes and brightness levels.
The SMC-4740 oscillator is designed to drive up to 16 displays
with input loading of 15 pF each.
The general requirements for cascading 16 displays are:
1. Determine the correct address for each display.
2. Tie CE0 to ground and use CE1 from an address.
3. Select one of the displays to provide the clock for the
other displays.
4. Tie CLKSEL to ground on other displays.
5. Use RST to synchronize the blinking between the displays.
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
0
1
X
X
X
B
B
Blinking display
D7
D6
D5
D4
D3
D2
D1
D0
Operation
0
1
0
XXXXX
Lamp test
D7
D6
D5
D4
D3
D2
D1
D0
Operation
1
0
XXXXXX
Clear
Figure 6. Cascading Diagram
WR
RD
RST CLK I/O CLKSEL
D0-D7 A0-A2
CE0
CE1
Programmable Display
WR
RD
RST CLK I/O CLKSEL
D0-D7 A0-A2
CE0
CE1
Programmable Display
14 More Displays
in between
Address Decode Chip 1 to 14
Address
Data I/O
RST
RD
WR
VCC
A4
A5
A6
Address
Decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com