Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3535 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # PD3535
Description  4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD3535 Datasheet(HTML) 5 Page - OSRAM GmbH

  PD3535 Datasheet HTML 1Page - OSRAM GmbH PD3535 Datasheet HTML 2Page - OSRAM GmbH PD3535 Datasheet HTML 3Page - OSRAM GmbH PD3535 Datasheet HTML 4Page - OSRAM GmbH PD3535 Datasheet HTML 5Page - OSRAM GmbH PD3535 Datasheet HTML 6Page - OSRAM GmbH PD3535 Datasheet HTML 7Page - OSRAM GmbH PD3535 Datasheet HTML 8Page - OSRAM GmbH PD3535 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
 2001 OSRAM Opto Semiconductors Inc.• San Jose, CA
PD2535/6/7, PD3535/6/7, PD4435/6/7
www.infineon.com/opto • 408-456-4000
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
5
July 5, 2001-14
DC Characteristics at 25
°C
Note:
1) D0 to D7 have no pull-up resistors so current is negligible.
Pin Assignments and Definitions
Parameter
Limits
Conditions
Min.
Typ.
Max.
Units
VCC
4.5
5.0
5.5
Volts
Nominal
ICC (Blank)
—
2.5
3.5
mA
VCC=5.0 V, A2=1, all other inputs low.
ICC 80 LEDs/unit (100% Bright)
PD243X
PD353X
PD443X
—
115
145
150
130
165
170
mA
mA
mA
VCC=5.0 V
VCC=5.0 V
VCC=5.0 V
VIL
—
—
0.8
Volts
VCC=4.5 V to 5.5 V
VIH
2.0
—
—
Volts
VCC=4.5 V to 5.5 V
IIL (except D0 to D7)
(1)
25
—
100
µA
VCC=4.5 V to 5.5 V, VIN=0.8 V
VOL
—
—
0.4
Volts
VCC=4.5 V to 5.5 V
VOH
2.4
—
—
Volts
VCC=4.5 V to 5.5 V
IOH
–8.9
—
—
mA
VCC=4.5 V, VOH=2.4 V
IOL
1.6
—
—
mA
VCC=4.5 V, VOL=0.4 V
Data I/O Bus Loading
—
—
100
pF
—
Clock I/O Bus Loading
—
—
240
pF
—
Pin
Function
Definition
1RD
Active low, will enable a processor to
read all registers in the display.
2
CLK I/O
If CLK SEL (pin 3) is low, then expect
an external clock source into this pin.
If CLK SEL is high, then this pin will
be the master or source into this pin.
If CLK SEL is high, then this pin will
be the master or source for all other
devices which have CLK SEL low.
3
CLKSEL
CLOCK SELECT determines the
action of pin 2. CLK I/O, see the sec-
tion on Cascading for an example.
4
RST
Reset. Used to synchronize blinking.
Will not clear the display. The reset
pulse should be less than 1 ms
5
CE1
Chip enable (active high).
6
CE0
Chip enable (active low).
7
A2
Address input (MSB).
8
A1
Address input.
9
A0
Address input (LSB).
10
GND
Ground.
Pin Assignments and Definitions (continued)
Pin
Function
Definition
11
WR
Write. Active low. If the device is
selected, a low on the write input
loads the data into memory.
12
D7
Data Bus bit 7 (MSB).
13
D6
Data Bus bit 6.
14
D5
Data Bus bit 5.
15
D4
Data Bus bit 4.
16
D3
Data Bus bit 3.
17
D2
Data Bus bit 2.
18
D1
Data Bus bit 1.
19
D0
Data Bus bit 0 (LSB).
20
VCC
Positive power pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com