Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3535 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # PD3535
Description  4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD3535 Datasheet(HTML) 1 Page - OSRAM GmbH

  PD3535 Datasheet HTML 1Page - OSRAM GmbH PD3535 Datasheet HTML 2Page - OSRAM GmbH PD3535 Datasheet HTML 3Page - OSRAM GmbH PD3535 Datasheet HTML 4Page - OSRAM GmbH PD3535 Datasheet HTML 5Page - OSRAM GmbH PD3535 Datasheet HTML 6Page - OSRAM GmbH PD3535 Datasheet HTML 7Page - OSRAM GmbH PD3535 Datasheet HTML 8Page - OSRAM GmbH PD3535 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
 2001 OSRAM Opto Semiconductors Inc.• San Jose, CA
www.infineon.com/opto • 408-456-4000
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
1
July 5, 2001-14
HER
PD2435/PD3535/PD4435
RED
PD2436/PD3536/PD4436
BRIGHT GREEN
PD2437/PD3537/PD4437
0.200" Character, PD2435/6/7
0.270" Character, PD3535/6/7
0.45" Character, PD4435/6/7
4-Character 5 x 7 Dot Matrix Alphanumeric
Programmable Display™ with
Built-in CMOS Control Functions
FEATURES
• Four Dot Matrix Characters in High Efficiency Red,
Red, and Bright Green
– PD2435/6/7, 0.200" High
– PD3535/6/7, 0.270" High
– PD4435/6/7, 0.45" High
• Built-in Memory, Decoders, Multiplexer and Drivers
• Wide Viewing Angle, X Axis ±55
°, Y Axis ±65°
• Categorized for Luminous Intensity
• 128 Character ASCII Format (Upper and Lower Case
Characters)
• 8 Bit Bidirectional Data BUS
• READ/WRITE Capability
• Dual In-Line Package Configuration, 0.600" Wide,
0.100" Pin Centers
• End-Stackable Package
PD243X
PD353X
PD443X
• Internal or External Clock
• Built-in Character Generator ROM
• TTL Compatible
• Easily Cascaded for Multidisplay Operation
• Less CPU Time Required
• Software Controlled Features:
– Programmable Highlight Attribute
(Blinking, Non-Blinking)
– Asynchronous Memory Clear Function
– Lamp Test
– Display Blank Function
– Single or Multiple Character Blinking Function
– Programmable Intensity
Three Brightness Levels
• Extended Operating Temperature Range:
– PD243X, PD353X: –40
°C to +85°C
– PD443X: –40
°C to +70°C


Similar Part No. - PD3535

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PD3535 OSRAM-PD3535 Datasheet
937Kb / 14P
Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - PD3535

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
MPD2545 SIEMENS-MPD2545 Datasheet
438Kb / 10P
25 4-character, 5x7 dot matrix, X-Y stackable, HI-REL/Military Alphanumeric Programmable Display with Built-In CMOS Control Functions
logo
Agilent(Hewlett-Packard...
HDSP-450X HP-HDSP-450X Datasheet
93Kb / 8P
Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
logo
Infineon Technologies A...
HDSP2000LP INFINEON-HDSP2000LP Datasheet
424Kb / 7P
0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
April 4, 2000-11
logo
OSRAM GmbH
DLO4135 OSRAM-DLO4135 Datasheet
252Kb / 4P
5 x 7 Dot Matrix Intelligent Display
logo
Lucky Light Electronic
KWM-19571 LUCKY-LIGHT-KWM-19571 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (1.9mm Dot) LED Display
KWM-30571 LUCKY-LIGHT-KWM-30571 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-30572 LUCKY-LIGHT-KWM-30572 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (3.0mm Dot) LED Display
KWM-50571 LUCKY-LIGHT-KWM-50571 Datasheet
58Kb / 1P
5 x 7 Dot Matrix (5.0mm Dot) LED Display
logo
LUMEX INC.
LDM-2124757NI LUMEX-LDM-2124757NI Datasheet
117Kb / 2P
5 x 7 DOT MATRIX LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com