Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC104 Datasheet (PDF) - Semtech Corporation

SC104 Datasheet PDF - Semtech Corporation
Part # SC104
Download  SC104 Download
File Size   199.72 Kbytes
Page   12 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Micro Power Constant-Current DC-DC Converter

SC104 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC104 Datasheet PDF - Semtech Corporation

Part # SC104
Download  SC104 Click to download

File Size   199.72 Kbytes
Page   12 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Micro Power Constant-Current DC-DC Converter

SC104 Datasheet (HTML) - Semtech Corporation


SC104 Product details

Description
The SC104 is a micro power dc-dc step-up converter which converts an input voltage, in the range of 1.55V to 10V, to a constant current. The part features a range of user programmable voltages and currents including dynamic adjustment of the “constant” current. The converter is capable of generating output voltages as low as the input supply voltage and up to 38V. During shutdown, the part draws a typical 500nA standby current.

Features
◆ Adjustable output current using pulse width modulation or analog voltage input
◆ 38V output capability supports up to 10 white LEDs
◆ Wide range of input voltages 1.55V to 10V
◆ Low quiescent current
◆ 0.5µA standby current in shutdown
◆ Programmable cycle by cycle current limit
◆ Surface mount packaging (3x3mm 8pin MLP)
◆ Output voltage and over-temperature protection

Applications
◆ White LED supplies
◆ Color LED supplies
◆ Cellular phones
◆ PDAs
◆ Electronic books
◆ Handheld computers
◆ Wireless web appliances




Similar Part No. - SC104

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC104 BEL-SC104 Datasheet
752Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC104-100 BEL-SC104-100 Datasheet
752Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC104-101 BEL-SC104-101 Datasheet
752Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC104-120 BEL-SC104-120 Datasheet
752Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC104-121 BEL-SC104-121 Datasheet
752Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results


Similar Description - SC104

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Aimtron Technology
AT1309 AIMTRON-AT1309 Datasheet
287Kb / 14P
Micro-Power Step up DC-DC Converter
logo
Linear Technology
LT1618 LINER-LT1618_1 Datasheet
210Kb / 16P
Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
CUI INC
VLD24-XXX CUI-VLD24-XXX Datasheet
583Kb / 4P
constant current dc-dc converter
logo
Global Mixed-mode Techn...
G5125 GMT-G5125 Datasheet
493Kb / 1P
Micro-Power Boost DC/DC Converter
logo
Linear Technology
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Marl International Limi...
CC3512 MARL-CC3512 Datasheet
131Kb / 2P
DC to DC Constant Current Power Supply
logo
Linear Technology
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Global Mixed-mode Techn...
G5135 GMT-G5135 Datasheet
114Kb / 1P
Micro-Power Boost DC/DC Converter
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com