Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC104 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC104
Description  Micro Power Constant-Current DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC104 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC104 Datasheet HTML 2Page - Semtech Corporation SC104 Datasheet HTML 3Page - Semtech Corporation SC104 Datasheet HTML 4Page - Semtech Corporation SC104 Datasheet HTML 5Page - Semtech Corporation SC104 Datasheet HTML 6Page - Semtech Corporation SC104 Datasheet HTML 7Page - Semtech Corporation SC104 Datasheet HTML 8Page - Semtech Corporation SC104 Datasheet HTML 9Page - Semtech Corporation SC104 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
 2005 Semtech Corp.
www.semtech.com
SC104
POWER MANAGEMENT
Applications Information
Component Selection - Introduction
Referring to the 6 LED typical schematic below, there are
three components that depend upon the application that
need to be determined:
RSET - this resistor sets the output current for the device
RLIM - this resistor sets the peak inductor current
L - the output inductor
All the other components can be mostly generalized and
are addressed below the following design steps.
ENABLE
RSET
23.2R
LED2
D1
IOUT = 15mA
U1
SC104
1
2
3
4
5
6
7
8
ADJ
FB
GND
OUT
LX
IN
LIM
EN
LED1
LED3
VIN = 3V to 5V
LED5
RLIM
7.50k
LED4
CIN
4.7uF
IOUT ADJUST
L1
12uH
LED6
COUT
0.47uF
Step 1: Continuous or Discontinuous?
The first thing to do when designing with the SC104 is to
determine whether the output inductor will be operating
in continuous mode (where the inductor current does not
drop to zero while the device is switching) or discontinuous
mode (where the inductor current drops to zero while
switching). This determination can be made simply by
calculating the required duty cycle needed for the target
output voltage, and comparing it to the guaranteed
minimum value for the maximum duty cycle from the
Electrical Characteristics on Page 3. %
DC(MIN) = 70% (or 0.7
duty). If DC is greater than 0.7 then discontinuous mode
is required. The required duty cycle is calculated as
follows:
()
()
f
)
SAT
(
CE
OUT
f
IN
OUT
V
V
V
V
V
V
DC
+
−
+
−
=
Where:
V
OUT = output voltage, the sum of the total LED (max.)
forward voltage drop at the required output voltage
plus the feedback voltage, 0.35V.
V
IN = minimum input voltage
V
f = Schottky diode (D1) forward voltage drop
V
CE(SAT) = power switch saturation voltage
Using the 6 LED example above:
V
OUT = (6 * 3.475) + 0.35 = 21.2V
V
IN = 3V
V
f = 0.35V
V
CE(SAT) = 0.25V
thus DC = 0.87
Since this value is greater than the guaranteed minimum
value for maximum duty cycle, the device will be operating
in discontinuous mode to provide the desired output. Note
that the duty cycle does not depend upon the output
current, and that unless the output to input ratio is low,
the device will usually need to be in discontinuous mode,
so we will cover that first (Step 1 through Step 5).
Continuous mode calculations start at Step 6.
Step 2: Calculating the Inductor for Discontinuous Mode
Having determined that we need to be operating in
discontinuous mode, we next need to calculate the
maximum inductor value allowed that will permit the part
to output the correct power. The maximum discontinuous
inductor value, L
(D) is given by:
()
()
()
()
f
IN
OUT
f
)
SAT
(
CE
OUT
)
MIN
(
OFF
)
MIN
(
ON
OUT
OUT
)
SAT
(
CE
IN
IN
2
)
MIN
(
ON
)
D
(
V
V
V
V
V
V
t
t
I
V
4
.
1
2
V
V
V
t
L
+
−
+
−
•
+
•
•
•
•
−
•
•
=
Where:
t
ON(MIN) = minimum switch on-time = 1.8µs
I
OUT = required output current
t
OFF(MIN) = minimum switch off-time = 0.6µs
Using our 6 LED example:
I
OUT = 15mA
thus L
(D) = 14.4µH
Selecting the next lower standard value gives us
L
(D) = 12µH. Of course a lower value inductor may be used
if desired, but may not necessarily be the most efficient
choice.
Step 3: Calculating the Current Limit Required with this
Inductor for Discontinuous Mode
Having determined the inductor value we are going to use,
we next need to calculate the current limit required to
meet the necessary output power. The discontinuous
mode current limit, I
LIM(D), is given by:
(
)
)
D
(
)
MIN
(
ON
)
SAT
(
CE
IN
)
D
(
LIM
L
t
V
V
I
•
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com