Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC104 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC104
Description  Micro Power Constant-Current DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC104 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC104 Datasheet HTML 4Page - Semtech Corporation SC104 Datasheet HTML 5Page - Semtech Corporation SC104 Datasheet HTML 6Page - Semtech Corporation SC104 Datasheet HTML 7Page - Semtech Corporation SC104 Datasheet HTML 8Page - Semtech Corporation SC104 Datasheet HTML 9Page - Semtech Corporation SC104 Datasheet HTML 10Page - Semtech Corporation SC104 Datasheet HTML 11Page - Semtech Corporation SC104 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
 2005 Semtech Corp.
www.semtech.com
SC104
POWER MANAGEMENT
Applications Information (Cont.)
Step 8: (Cont.)
inductor current ramps beyond the current limit trip point.
Since I
LIM increases as RLIM decreases, this value is a
maximum. The maximum current limit resistor, R
LIM(C), for
continuous mode is therefore:
()
−
•
−
•
=
)
C
(
)
SAT
(
CE
IN
plh
)
C
(
LIM
)
MIN
(
)
MIN
(
LIM
)
C
(
LIM
L
V
V
t
I
Ratio
V
R
Where:
V
LIM(MIN) = the minimum value of the current limit voltage
reference = 385mV
Ratio
(MIN) = the minimum value of the ILX to ILIM ratio
= 7100 A/A
t
plh = propagation delay from reaching the current limit
trip point to the power switch turning off = 200ns
Selecting the calculated value or the next lower
standard value is recommended.
Component Selection - General
Capacitor Selection: the SC104 has been designed to
be used with ceramic input and output capacitors. The
input to the device should be bypassed using a 4.7µF
ceramic capacitor rated for the maximum input voltage.
The output capacitor should be a ceramic capacitor in
the range of 0.22µF to 1µF. Care should be taken that
the voltage rating of this capacitor meets the output
voltage requriements, and if the part is going to be run
open circuit during assembly testing using the OVP
feature, then the capacitor should be rated 50V.
Schottky diode: any schottky diode rated for the
average and peak currents being seen in the circuit will
suffice. However a higher current rated schottky diode
will result in lower forward voltage drops and hence higher
efficiency. The selection of the schottky will depend upon
the optimum choice between efficiency, board space, and
cost.
Inductor: similarly, any inductor rated for the average and
peak currents required by the design and capable of
operating at the fixed off-time of 760ns will suffice, but
inductors with lower series resistance will result in lower
losses. The selection of the inductor will depend upon
the optimum choice between efficiency, board space, com-
ponent height, and cost. Toko D62LCB and D63LCB se-
ries work very well.
LED Dimming
Dimming the LEDs (i.e. reducing the output current from
the set level to reduce brightness) can be achieved a
couple of ways:
1) PWMing the ADJ pin using an open drain or open
collector (with no pull-up). Using a PWM signal at this pin
will reduce the output current by alternating between OFF
(ADJ < 100mV) and switching normally. The lower the
duty cycle, the lower the output current. A PWM frequency
of 1kHz maximum is recommended.
2) analog voltage applied to the ADJ pin: apply a DC
voltage between 0V to 0.1V (OFF) and 1V (full current) to
the ADJ pin. This pin should not be pulled above 1V
under normal operation, and should never exceed the
absolute maximum rating. Using a DC voltage will result
in the modulation frequency of the inductor current ramp
reducing and care must be taken to ensure that this does
not become audible in sensitive applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com