Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC104 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC104
Description  Micro Power Constant-Current DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC104 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC104 Datasheet HTML 4Page - Semtech Corporation SC104 Datasheet HTML 5Page - Semtech Corporation SC104 Datasheet HTML 6Page - Semtech Corporation SC104 Datasheet HTML 7Page - Semtech Corporation SC104 Datasheet HTML 8Page - Semtech Corporation SC104 Datasheet HTML 9Page - Semtech Corporation SC104 Datasheet HTML 10Page - Semtech Corporation SC104 Datasheet HTML 11Page - Semtech Corporation SC104 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
 2005 Semtech Corp.
www.semtech.com
SC104
POWER MANAGEMENT
Typical Application Circuit - 3 LEDs
RSET
23.2R
IOUT = 15mA
ENABLE
L1
27uH
CIN
4.7uF
VIN = 3V to 5V
LED1
D1
IOUT ADJUST
LED2
COUT
1uF
LED3
U1
SC104
1
2
3
4
5
6
7
8
ADJ
FB
GND
OUT
LX
IN
LIM
EN
RLIM
15k
ENABLE
IOUT ADJUST
RLIM
3.9k
LED9
L1
6.2uH
LED4
COUT
0.22uF
LED10
CIN
4.7uF
LED8
LED1
LED2
LED7
U1
SC104
1
2
3
4
5
6
7
8
ADJ
FB
GND
OUT
LX
IN
LIM
EN
RSET
23.2R
LED3
LED6
D1
IOUT = 15mA
VIN = 3V to 5V
LED5
Typical Application Circuit - 10 LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com