Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC104 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC104
Description  Micro Power Constant-Current DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC104 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC104 Datasheet HTML 4Page - Semtech Corporation SC104 Datasheet HTML 5Page - Semtech Corporation SC104 Datasheet HTML 6Page - Semtech Corporation SC104 Datasheet HTML 7Page - Semtech Corporation SC104 Datasheet HTML 8Page - Semtech Corporation SC104 Datasheet HTML 9Page - Semtech Corporation SC104 Datasheet HTML 10Page - Semtech Corporation SC104 Datasheet HTML 11Page - Semtech Corporation SC104 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
 2005 Semtech Corp.
www.semtech.com
SC104
POWER MANAGEMENT
Shutdown Current vs. Junction Temperature
vs. Input Voltage
Average Feedback Voltage vs. Junction
Temperature vs. Input Voltage
Typical Characteristics
Power Switch Saturation Voltage
vs. Junction Temperature
Current Limit Reference Voltage
vs. Junction Temperature
I
LX to ILIM Ratio vs.
Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
TA (°C)
VEN = 0V
VIN = 5V
VIN = 2V
VIN = 10V
0
25
50
75
100
125
150
175
200
225
250
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 2V
ILX = 300mA
7000
7200
7400
7600
7800
8000
8200
8400
8600
8800
9000
-50
-25
0
25
50
75
100
125
TJ (C)
VIN = 2V
ILIM = 50µA
340
342
344
346
348
350
352
354
356
358
360
-50
-25
0
25
50
75
100
125
TJ (C)
VIN = 2V
VIN = 5V
VIN = 10V
385.0
387.5
390.0
392.5
395.0
397.5
400.0
402.5
405.0
407.5
410.0
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 2V
ILIM = 50µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com