Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC104 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC104
Description  Micro Power Constant-Current DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC104 Datasheet(HTML) 1 Page - Semtech Corporation

  SC104 Datasheet HTML 1Page - Semtech Corporation SC104 Datasheet HTML 2Page - Semtech Corporation SC104 Datasheet HTML 3Page - Semtech Corporation SC104 Datasheet HTML 4Page - Semtech Corporation SC104 Datasheet HTML 5Page - Semtech Corporation SC104 Datasheet HTML 6Page - Semtech Corporation SC104 Datasheet HTML 7Page - Semtech Corporation SC104 Datasheet HTML 8Page - Semtech Corporation SC104 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC104
Micro Power Constant-Current
DC-DC Converter
March 22, 2005
The SC104 is a micro power dc-dc step-up converter
which converts an input voltage, in the range of 1.55V to
10V, to a constant current. The part features a range of
user programmable voltages and currents including
dynamic adjustment of the “constant” current. The
converter is capable of generating output voltages as
low as the input supply voltage and up to 38V. During
shutdown, the part draws a typical 500nA standby
current.
The output current is set by the external resistor R1.
Dynamic adjustment of the output current can be made
by the application of an analog voltage to the ADJ
input, or by PWMing this pin.
The peak switch current is programmable through the
external resistor R
LIM enabling the use of a wide range of
inductors and battery technologies.
White LED supplies
Color LED supplies
Cellular phones
PDAs
Electronic books
Handheld computers
Wireless web appliances
Adjustable output current using pulse width
modulation or analog voltage input
38V output capability supports up to 10 white LEDs
Wide range of input voltages 1.55V to 10V
Low quiescent current
0.5µA standby current in shutdown
Programmable cycle by cycle current limit
Surface mount packaging (3x3mm 8pin MLP)
Output voltage and over-temperature protection
Description
Features
Applications
Typical Application Circuit - 6 LEDs
ENABLE
RSET
23.2R
LED2
D1
IOUT = 15mA
U1
SC104
1
2
3
4
5
6
7
8
ADJ
FB
GND
OUT
LX
IN
LIM
EN
LED1
LED3
VIN = 3V to 5V
LED5
RLIM
7.50k
LED4
CIN
4.7uF
IOUT ADJUST
L1
12uH
LED6
COUT
0.47uF


Similar Part No. - SC104

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC104 BEL-SC104 Datasheet
752Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC104-100 BEL-SC104-100 Datasheet
752Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC104-101 BEL-SC104-101 Datasheet
752Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC104-120 BEL-SC104-120 Datasheet
752Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC104-121 BEL-SC104-121 Datasheet
752Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC104

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Aimtron Technology
AT1309 AIMTRON-AT1309 Datasheet
287Kb / 14P
Micro-Power Step up DC-DC Converter
logo
Linear Technology
LT1618 LINER-LT1618_1 Datasheet
210Kb / 16P
Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
CUI INC
VLD24-XXX CUI-VLD24-XXX Datasheet
583Kb / 4P
constant current dc-dc converter
logo
Global Mixed-mode Techn...
G5125 GMT-G5125 Datasheet
493Kb / 1P
Micro-Power Boost DC/DC Converter
logo
Linear Technology
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Marl International Limi...
CC3512 MARL-CC3512 Datasheet
131Kb / 2P
DC to DC Constant Current Power Supply
logo
Linear Technology
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Global Mixed-mode Techn...
G5135 GMT-G5135 Datasheet
114Kb / 1P
Micro-Power Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com