Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC104 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC104
Description  Micro Power Constant-Current DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC104 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC104 Datasheet HTML 4Page - Semtech Corporation SC104 Datasheet HTML 5Page - Semtech Corporation SC104 Datasheet HTML 6Page - Semtech Corporation SC104 Datasheet HTML 7Page - Semtech Corporation SC104 Datasheet HTML 8Page - Semtech Corporation SC104 Datasheet HTML 9Page - Semtech Corporation SC104 Datasheet HTML 10Page - Semtech Corporation SC104 Datasheet HTML 11Page - Semtech Corporation SC104 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
 2005 Semtech Corp.
www.semtech.com
SC104
POWER MANAGEMENT
Outline Drawing - MLP-8
e
D
E
A
B
aaa C
L
L1
L2
L2
b2
0.30
0.17
.012
.007
--
0.08
.003
.118
3.00
01
0.45
0.20
0.29
.005
--
0.13
--
.018
.011
.008
-
-
0.31
.012
(LASER MARK)
INDICATOR
PIN 1
N
2
1
bbb
DIMENSIONS
A1
e
L2
N
01
aaa
L1
L
b
b2
D
E
A3
A2
NOM
INCHES
A
DIM
MIN
MAX
MILLIMETERS
MAX
NOM
MIN
3.10
3.10
2.90
2.90
.026 BSC
.118
8
.004
.011
8
0.10
0.65 BSC
3.00
.015
0.29
0.39
bxN
A
A1
bbb
C A B
A2
-
.011
-
-
-
0°
.008
.026
.000
.031
12°
0°
-
12°
0.20
0.65
0.00
.018
.039
.030
.002
0.80
0.29
0.45
-
-
-
1.00
0.75
0.05
e/2
2. DIMENSIONS "D" AND "E" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
1.
-
(.008)
(0.20)
-
A3
PLANE
SEATING
C
.122
.122
.114
.114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com