Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7103PP-R Datasheet (PDF) - Green Solution Technology Co., Ltd

GS7103PP-R Datasheet PDF - Green Solution Technology Co., Ltd
Part # GS7103PP-R
Download  GS7103PP-R Download
File Size   677.93 Kbytes
Page   15 Pages
Manufacturer  GSTEK [Green Solution Technology Co., Ltd]
Direct Link  http://www.gstekic.com
Logo GSTEK - Green Solution Technology Co., Ltd
Description 3A Ultra Low Dropout Linear Regulator

GS7103PP-R Datasheet (PDF)

Go To PDF Page Download Datasheet
GS7103PP-R Datasheet PDF - Green Solution Technology Co., Ltd

Part # GS7103PP-R
Download  GS7103PP-R Click to download

File Size   677.93 Kbytes
Page   15 Pages
Manufacturer  GSTEK [Green Solution Technology Co., Ltd]
Direct Link  http://www.gstekic.com
Logo GSTEK - Green Solution Technology Co., Ltd
Description 3A Ultra Low Dropout Linear Regulator

GS7103PP-R Datasheet (HTML) - Green Solution Technology Co., Ltd


GS7103PP-R Product details

Features
Maximum 3A Low-Dropout Voltage Regulator
Ultra Low Dropout Voltage
Typically 220mV at 3A Output Current
High Output Accuracy over Line, Load and
Temperature
Build-In Soft-Start
Excellent startup under load from 0 to 3A
Power-On-Reset Monitoring on Both VDD and
VIN Pins
Power-OK Output function
Foldback over Current Protection and
Thermal shutdown
0.1μA (typ) Shutdown Supply Current
Low ESR Output Capacitor(Multi-layer Chip
Capacitors (MLCC)) Applicable
Vout Pull Low Resistance when Disable
PSOP-8, TDFN10-3x3
Green Product (RoHS, Lead-Free,
Halogen-Free Compliant)

Applications
Notebook PC Applications
Motherboard Applications
Low Voltage Logic Supplies
Microprocessor and Chipset Supplies
Graphic Cards
Cordless phones

General Description
The GS7103 can deliver up to 3A of continuous
output current with a typical dropout voltage of
only 260mV using internal n-channel MOSFETs.
The linear regulator uses a separate VDD supply
to power the control circuitry and drive the Internal n-channel MOSFETs. The output voltage is
adjustable from 0.8V to the voltage that is very
close to VIN.
The GS7103 allows the use of low-ESR ceramic
capacitor as low as 10uF. Moreover the IC
provide good performance on both line transient
response and load transient response.
The GS7103 provides foldback over current limit
and thermal shutdown to prevent the linear
regulator from damage. Built-in soft-start
minimizes stress on the input power source by
reducing capacitive inrush current on start-up.
During start-up, POK remain low until the output
reaches 92% of its rating value.
The GS7103 is available in PSOP-8 package or
TDFN10-3x3 package.




Similar Part No. - GS7103PP-R

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS71024 GSI-GS71024 Datasheet
278Kb / 13P
64K x 24 1.5Mb Asynchronous SRAM
GS71024GT-10 GSI-GS71024GT-10 Datasheet
278Kb / 13P
64K x 24 1.5Mb Asynchronous SRAM
GS71024GT-10I GSI-GS71024GT-10I Datasheet
278Kb / 13P
64K x 24 1.5Mb Asynchronous SRAM
GS71024GT-12 GSI-GS71024GT-12 Datasheet
278Kb / 13P
64K x 24 1.5Mb Asynchronous SRAM
GS71024GT-12I GSI-GS71024GT-12I Datasheet
278Kb / 13P
64K x 24 1.5Mb Asynchronous SRAM
More results


Similar Description - GS7103PP-R

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com