Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7103PP-R Datasheet(PDF) 10 Page - Green Solution Technology Co., Ltd

Part # GS7103PP-R
Description  3A Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSTEK [Green Solution Technology Co., Ltd]
Direct Link  http://www.gstekic.com
Logo GSTEK - Green Solution Technology Co., Ltd

GS7103PP-R Datasheet(HTML) 10 Page - Green Solution Technology Co., Ltd

Back Button GS7103PP-R Datasheet HTML 6Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 7Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 8Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 9Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 10Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 11Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 12Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 13Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 14Page - Green Solution Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
3A Ultra Low Dropout Linear Regulator
GS7103
Green Solution Technology Co.,LTD.
Rev.:1.6
10
JUN-16
Application Information
Enable
The GS7103 has a dedicated enable pin(EN).
When the EN pin is in the logic low (VEN<0.6V),
the regulator will be turned off, reducing the
supply current to less than 1uA.
When the EN pin is in the logic high (VEN>1.4V),
the regulator will be turned on and undergoes a
new soft-start cycle. Left open, the EN pin is
pulled down by a internal resistor to shut down
the regulator.
Power-on-Reset
The GS7103 features a power-on-reset control
through monitor both input voltages to prevent
wrong operations. Only after the two supply
voltages exceed their rising POR threshold
voltages, the regulator is to be initiated and starts
up.
POK
The POK pin is an open-drain output, and can be
connects to VOUT or other rail through an external
pull-up resistor. As the output voltage arrives 92%
of normal output voltage, an internal delay
function starts to perform a delay time and then
output the POK pin high to indicate the output is
OK. As the output voltage falls below the falling
Power-OK threshold or one of the two supply
voltages falls below it’s falling POR threshold, the
POK pin will output low immediately without a
delay time.
Build-In Soft-Start
An internal soft-start function controls rise rate of
the output voltage to limit the current surge at
start-up. The typical soft-start interval is about
3mS.
Current Limit
The GS7103 contains a foldback over current
protection function. It allows the output current to
reach the maximum value of 4A. Then further
decreases in the load resistance reduce both the
load current and the load voltage. The main
advantage of foldback limiting is less power
dissipation in the pass transistor under shorted-
load conditions. During startup, the current limit
value is set to a high value, thus GS7103 can
operate in full load condition. After startup, the
current limit value is set to a normal value, so the
pass transistor can be protected well.
Thermal-Shutdown Protection
Thermal Shutdown protects GS7103 from ex-
cessive power dissipation. If the die temperature
exceeds 150°C, the pass transistor is shut off.
50°C of hysteresis prevents the regulator from
turning on until the die temperature drops to
100°C.
Output Capacitor selection
The GS7103 is designed to employ ceramic
output capacitors as low as 10uF; if employ EL
output capacitor as large as 1000uF, feedback
resistance(Rbottom) should be larger than 100K
ohm(Table 2). Place the capacitors physically as
close as possible to the device with wide and
direct PCB traces. Capacitor ESR should be less
than 50mohm.
Cout
Rbottom
Ceramic
≥
10uF
≥
0.1KΩ
EL
1000uF
≥
100KΩ
Table 1 Cout capacitor vs. Rbottom resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com