Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7103PP-R Datasheet(PDF) 4 Page - Green Solution Technology Co., Ltd

Part # GS7103PP-R
Description  3A Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSTEK [Green Solution Technology Co., Ltd]
Direct Link  http://www.gstekic.com
Logo GSTEK - Green Solution Technology Co., Ltd

GS7103PP-R Datasheet(HTML) 4 Page - Green Solution Technology Co., Ltd

  GS7103PP-R Datasheet HTML 1Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 2Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 3Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 4Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 5Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 6Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 7Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 8Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 9Page - Green Solution Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3A Ultra Low Dropout Linear Regulator
GS7103
Green Solution Technology Co.,LTD.
Rev.:1.6
4
JUN-16
Ordering Information
No
Item
Contents
1
Package
SO: PSOP-8(B)
TD: TDFN10-3x3
2
Shipping
R: Tape & Reel
Example: GS7103 PSOP-8(B) Tape & Reel ordering information is “GS7103SO-R”
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limits
Units
Supply Voltage
VIN
-0.3 < VIN< 6
V
Control Voltage
VDD
-0.3 < VDD< 6
V
Output Voltage
VOUT
-0.3 < VOUT<5
V
Package Power Dissipation at TA ≦25°C
PD_PSOP-8
1333
mW
Package Power Dissipation at TA ≦25°C
PD_TDFN10-3x3
1670
mW
Junction Temperature
TJ
- 45 ~ 150
°C
Storage Temperature
TSTG
- 65 ~ 150
°C
Lead Temperature (Soldering) 10S
TLEAD
260
°C
ESD (Human Body Mode) (Note 2)
VESD_HBM
2K
V
ESD (Machine Mode) (Note 2)
VESD_MM
200
V
Thermal Information (Note 3)
Parameter
Symbol
Limits
Units
Thermal Resistance Junction to Ambient
θJA_PSOP-8
75
°C/W
Thermal Resistance Junction to Case
θJC_PSOP-8
12
°C/W
Thermal Resistance Junction to Ambient
θJA_TDFN10-3x3
60
°C/W
Thermal Resistance Junction to Case
θJC_TDFN10-3x3
5
°C/W
2. Shipping
1. Package
GS7103PP- R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com