Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7103PP-R Datasheet(PDF) 11 Page - Green Solution Technology Co., Ltd

Part # GS7103PP-R
Description  3A Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSTEK [Green Solution Technology Co., Ltd]
Direct Link  http://www.gstekic.com
Logo GSTEK - Green Solution Technology Co., Ltd

GS7103PP-R Datasheet(HTML) 11 Page - Green Solution Technology Co., Ltd

Back Button GS7103PP-R Datasheet HTML 7Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 8Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 9Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 10Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 11Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 12Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 13Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 14Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 15Page - Green Solution Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
3A Ultra Low Dropout Linear Regulator
GS7103
Green Solution Technology Co.,LTD.
Rev.:1.6
11
JUN-16
Feedback Network
Figure 3 shows the feedback network. The
suggested design procedure is to choose
R2=10KΩ and then calculate R1 using the
following formula: R1=(VOUT / VREF -1)*R2.
Figure 3 Feedback Network
COPTION can improve transient response, and
recommend value as follow:
VOUT
R1
COPTION
0.8V ~ 1.6V
0 ~ 10 KΩ
470pF~1nF
1.6V ~ 2.4V
10 KΩ ~ 20 KΩ
100pF~500pF
2.4V ~ 3.6V
20 KΩ ~ 30 KΩ
20pF~300pF
Table 2 R1 vs. COPTION
Input Capacitor selection
Bypass VIN to ground with a 10uF or greater
capacitor. Bypass VDD to ground with a 1uF
capacitor for normal operation in most appli-
cations. Ceramic, tantalum or aluminum elec-
trolytic capacitors may be selected for input
capacitor. However ceramic capacitors are
recommended due to their significant cost and
space savings. Place the capacitors physically as
close as possible to the device with wide and
direct PCB traces.
Power Dissipation and Layout Considerations
Although internal thermal limiting function is
integrated in GS7103, continuously keeping the
junction near the thermal shutdown temperature
may possibly affect device reliability. For
continuous operation, it is highly recommended to
keep the junction temperature below the
maximum operation junction temperature 125°C
for maximum reliability.
The power dissipation definition in device is:
PD = (VIN − VOUT) x IOUT + VDD x IQ
The
maximum
power
dissipation
can
be
calculated as:
PD(MAX) = ( TJ(MAX) − TA ) / θJA
Where TJ(MAX) is the maximum operation junction
temperature
125°C,
TA
is
the
ambient
temperature and the θJA is the junction to ambient
thermal resistance.
The thermal resistance θJA for PSOP-8 package
is 75°C/W on the standard JEDEC 51-7 (4 layers,
2S2P) thermal test board. The copper thickness
is 2oz. The maximum power dissipation at TA =
25°C can be calculated by following formula:
PD(MAX) = (125°C − 25°C) / (75°C/W) = 1.33W
(SOP-8 Exposed Pad on the minimum layout)
The thermal resistance θJA for TDFN10-3x3
package is 60°C/W on the standard JEDEC 51-7
(4 layers, 2S2P) thermal test board. The
maximum power dissipation at TA = 25°C can be
calculated by following formula:
PD(MAX) = (125°C − 25°C) / (60°C/W) = 1.67W
The thermal resistance θJA of PSOP-8 is
determined by the package design and the PCB
design. Copper plane under the exposed pad is
an effective heat sink and is useful for improving
thermal conductivity. As shown in Figure 3, the
amount of copper area to which the PSOP-8 is
mounted affects thermal performance. When
mounted to the standard PSOP-8 pad (Figure
4.a), θJA is 75°C/W. Adding copper area of pad
under the PSOP-8 Figure 4.b) reduces the θJA to
54°C/W. Even further, increasing the copper area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com