Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7103PP-R Datasheet(PDF) 5 Page - Green Solution Technology Co., Ltd

Part # GS7103PP-R
Description  3A Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSTEK [Green Solution Technology Co., Ltd]
Direct Link  http://www.gstekic.com
Logo GSTEK - Green Solution Technology Co., Ltd

GS7103PP-R Datasheet(HTML) 5 Page - Green Solution Technology Co., Ltd

  GS7103PP-R Datasheet HTML 1Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 2Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 3Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 4Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 5Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 6Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 7Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 8Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 9Page - Green Solution Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
3A Ultra Low Dropout Linear Regulator
GS7103
Green Solution Technology Co.,LTD.
Rev.:1.6
5
JUN-16
Recommend Operating Condition (Note 4)
Parameter
Symbol
Limits
Units
Supply Voltage
VIN
1.0 < VIN< Min{5.2,VDD}
V
Control Voltage
VDD
3.0 < VDD< 5.5
V
Junction Temperature
TJ
- 40 ~ 125
°C
Ambient Temperature
TA
- 40 ~ 85
°C
Electrical Characteristics
(VIN= VOUT+0.5V, VEN=VDD=5V, CIN=COUT=10uF, TA=TJ=25°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage Section
VDD Operation Voltage
Range
VDD
VDD Input Range, VOUT=VREF
3.0
5.5
V
VIN Operation Voltage
Range
VIN
VIN Input Range, VOUT=VREF
1.0
Min{5.2
,VDD}
V
Quiescent current
IQ
VDD=VIN=VEN=5V,IOUT=0A,
VOUT=VREF
1.0
1.5
mA
VDD Input current
IVDD
VDD=VIN=VEN=5V, IOUT=0A,
VOUT=VREF
1.0
1.5
mA
Control Input Current
in Shutdown
IVDD_SD
VDD=VIN=5.0V, IOUT=0A,
VEN=0V
0.1
2
uA
VDD POR Threshold
VDDRTH
2.4
2.7
3
V
VDD POR Hysteresis
0.15
0.2
V
VIN POR Threshold
VINRTH
0.55
0.75
0.95
V
VIN POR Hysteresis
0.13
0.20
V
Output Voltage
Reference Voltage
VREF
IOUT=1mA, VOUT=VREF
0.784
0.8
0.816
V
Output Voltage
Accuracy
-2.0
+2.0
%
Line Regulation (VDD)
△ VLINE_VDD
VDD=4V to 5V, IOUT=1mA,
VOUT=VREF, VIN=2V
0.03
0.2
%
Line Regulation (VIN)
△ VLINE_IN
VIN=1.2V to 5V, IOUT=1mA,
VOUT=VREF
0.01
0.1
%
Load Regulation
(Note 5)
△
VLOAD
IOUT=1mA to 3 A, VOUT=VREF
0.1
1.5
%
VOUT Pull Low
Resistance
VDD=VIN=5.0V, VEN=0V
130
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com