Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7103PP-R Datasheet(PDF) 6 Page - Green Solution Technology Co., Ltd

Part # GS7103PP-R
Description  3A Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSTEK [Green Solution Technology Co., Ltd]
Direct Link  http://www.gstekic.com
Logo GSTEK - Green Solution Technology Co., Ltd

GS7103PP-R Datasheet(HTML) 6 Page - Green Solution Technology Co., Ltd

Back Button GS7103PP-R Datasheet HTML 2Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 3Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 4Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 5Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 6Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 7Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 8Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 9Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 10Page - Green Solution Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
3A Ultra Low Dropout Linear Regulator
GS7103
Green Solution Technology Co.,LTD.
Rev.:1.6
6
JUN-16
Dropout Voltage
Dropout Voltage
(Note 6)
VDROP
VOUT=VREF, IOUT=2A
160
200
mV
VOUT= VREF, IOUT=3A
220
290
mV
Protection
Current Limit
ILIM
VDD=VIN=VEN=5V, VOUT= VREF
4
A
Short Circuit Current
IFOLDBACK VOUT<0.2V
100
mA
Thermal Shutdown
Temperature
TSD
TJ Rising
150
°C
Thermal Shutdown
Returned Temperature
100
°C
Enable
EN
Threshold
Logic-Low
Voltage
VDD=5V
0.7
V
Logic-High
Voltage
VDD=5V
1.4
V
EN Input Bias Current
IEN
VEN=5V
12
20
uA
Power OK
POK Rising Threshold
VREF Rising
92
%
POK Hysteresis
VREF falling
8
%
POK Sink Capability
IPGOOD=1mA
0.2
0.4
V
POK Delay
-40
°C ~125°C
1.3
mS
Note 1. Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the
device. These are for stress ratings. Functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may remain possibility to
affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. θJA is measured in the natural convection at TA=25°C on a high effective thermal conductivity
test board (4 Layers, 2S2P) of JEDEC 51-7 thermal measurement standard. The case point of
θJC is on the expose pad for PSOP-8 package.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. Regulation is measured at constant junction temperature by using a 2ms current pulse. Devices
are tested for load regulation in the load range from 1mA to 3A.
Note 6. The Dropout voltage is defined as VIN-VOUT, which is measured when VOUT is 0.98*VOUT(NORMAL).
The Dropout voltage is measured at constant junction temperature by using a 2ms current pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com