Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7103PP-R Datasheet(PDF) 12 Page - Green Solution Technology Co., Ltd

Part # GS7103PP-R
Description  3A Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSTEK [Green Solution Technology Co., Ltd]
Direct Link  http://www.gstekic.com
Logo GSTEK - Green Solution Technology Co., Ltd

GS7103PP-R Datasheet(HTML) 12 Page - Green Solution Technology Co., Ltd

Back Button GS7103PP-R Datasheet HTML 7Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 8Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 9Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 10Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 11Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 12Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 13Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 14Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 15Page - Green Solution Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
3A Ultra Low Dropout Linear Regulator
GS7103
Green Solution Technology Co.,LTD.
Rev.:1.6
12
JUN-16
of pad to 70mm2 (Figure 4.c) reduces the θJA to
49°C/W.
Figure 4 (a) Minimum Footprint,
JA = 75C/W
Figure 4 (b) Copper Area = 30mm2,
JA= 54C/W
Figure 4 (c) Copper Area = 70mm2,
JA = 49C/W
Figure 4
JA vs. Different Cooper Area Layout Design
And Figure 4 shows a curve for the θJA of the
PSOP-8 package for different copper area sizes
using a typical PCB with 2oz copper in still air.
Figure 5
JA vs. Copper Area
The maximum power dissipation depends on
operating ambient temperature or fixed TJ(MAX)
and
thermal
resistance
JA. For GS7103
packages, the Figure 5 of derating curves allows
the designer to see the effect of rising ambient
temperature on the maximum power allowed.
Figure 6 Derating Curve for Packages
0
10
20
30
40
50
60
70
Copper Area (mm2)
90
80
70
60
50
40
0
25
50
75
100
125
150
Ambient Temperature (°C)
3500
3000
2500
2000
1500
1000
500
TDFN10-3x3
PSOP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com