Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS7103PP-R Datasheet(PDF) 13 Page - Green Solution Technology Co., Ltd

Part # GS7103PP-R
Description  3A Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSTEK [Green Solution Technology Co., Ltd]
Direct Link  http://www.gstekic.com
Logo GSTEK - Green Solution Technology Co., Ltd

GS7103PP-R Datasheet(HTML) 13 Page - Green Solution Technology Co., Ltd

Back Button GS7103PP-R Datasheet HTML 7Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 8Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 9Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 10Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 11Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 12Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 13Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 14Page - Green Solution Technology Co., Ltd GS7103PP-R Datasheet HTML 15Page - Green Solution Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
3A Ultra Low Dropout Linear Regulator
GS7103
Green Solution Technology Co.,LTD.
Rev.:1.6
13
JUN-16
Package Dimensions, PSOP-8(B)
E1
c
DETAIL A
L
E H
D1
b
e
D
A
A1
A3
DETAIL A
1
4
5
8
Note:
1. Min.: Minimum dimension specified.
2. Max.: Maximum dimension specified.
3. REF.: Reference. Normal/Regular dimension specified for reference.
Symbol
Dimensions in
Millimeters
Min.
Max.
A
1.30
1.80
A1
-
0.15
A3
1.25
-
b
0.31
0.51
c
0.17
0.25
e
1.27 REF.
D
4.70
5.10
E
3.80
4.00
D1
3.1 REF.
E1
2.3 REF.
H
5.80
6.20
L
0.40
1.27
θ
0
o
8
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com